Electronic Components Datasheet Search
  English  ▼

X  

22RIA10 Datasheet(PDF) 8 Page - International Rectifier

Part # 22RIA10
Description  MEDIUM POWER THYRISTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

22RIA10 Datasheet(HTML) 8 Page - International Rectifier

  22RIA10 Datasheet HTML 1Page - International Rectifier 22RIA10 Datasheet HTML 2Page - International Rectifier 22RIA10 Datasheet HTML 3Page - International Rectifier 22RIA10 Datasheet HTML 4Page - International Rectifier 22RIA10 Datasheet HTML 5Page - International Rectifier 22RIA10 Datasheet HTML 6Page - International Rectifier 22RIA10 Datasheet HTML 7Page - International Rectifier 22RIA10 Datasheet HTML 8Page - International Rectifier 22RIA10 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
22RIA Series
Bulletin I2403 rev. A 07/00
8
www.irf.com
Fig. 12 - Maximum Non-Repetitive Surge Current
Fig. 13 - Maximum Non-Repetitive Surge Current
Fig. 14 - Forward Voltage Drop Characteristics
Fig. 11 - On-state Power Loss Characteristics
140
160
180
200
220
240
260
280
300
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
Initial T = 125°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
22RIA Series
(1400 to 1600V)
120
140
160
180
200
220
240
260
280
300
320
340
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Of Conduction May Not Be Maintained.
Initial T = 125°C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
22RIA Series
(1400 to 1600V)
1
10
100
1000
01
23
45
6
T = 25°C
J
Instantaneous On-state Voltage (V)
22RIA Series
(1400 to 1600V)
T = 125°C
J
025
50
75
100
125
Maximum Allowable Ambient Temperature (°C)
1.5
K/W
2 K
/W
2.5
K/W
3 K/W
4K/W
5 K/W
7 K/W
10 K/W
0
5
10
15
20
25
30
35
40
45
50
55
0
5
10
15
20
25
30
35
DC
180°
120°
90°
60°
30°
RMS Limit
Conduction Period
Average On-state Current (A)
22RIA Series
(1400 to 1600V)
T = 125°C
J



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com