Electronic Components Datasheet Search
  English  ▼

X  

36MB20A Datasheet(PDF) 5 Page - International Rectifier

Part # 36MB20A
Description  SINGLE PHASE BRIDGE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

36MB20A Datasheet(HTML) 5 Page - International Rectifier

  36MB20A Datasheet HTML 1Page - International Rectifier 36MB20A Datasheet HTML 2Page - International Rectifier 36MB20A Datasheet HTML 3Page - International Rectifier 36MB20A Datasheet HTML 4Page - International Rectifier 36MB20A Datasheet HTML 5Page - International Rectifier 36MB20A Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MB Series
5
Bulletin I2715 rev. I 03/03
www.irf.com
Fig. 6 - Current Ratings Characteristics
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 3 - Total Power Loss Characteristics
Fig. 9 - Maximum Non-Repetitive Surge Current
Fig. 10 - Maximum Non-Repetitive Surge Current
Average Forward Current (A)
Instantaneous Forward Voltage (V)
Maximum Allowable Ambient Te
Average Forward Current (A)
Maximum Allowable Ambient Temperature (°C)
Number of Equal Amplitude Half Cycle Current Pulses (N)
Pulse Train Duration (s)
50
70
90
110
130
150
0
5
10
15
20
25
30
35
40
180˚
(Rect)
180˚
(Sine)
36MB..A Series
1
10
100
1000
0.5
1
1.5
2
2.5
3
3.5
Tj = 25˚C
Tj = 150˚C
36MB..A Series
0
25
50
75
100
125
150
1 K/W
2 K/W
3 K/W
4 K/W
5 K/W
7 K/W
RthSA
=
0.7
K/W
- Delta
R
0
20
40
60
80
0
5
10
15
20
25
30
180˚
(Sine)
180˚
(Rect)
36MB..A Series
Tj = 150˚C
35
100
150
200
250
300
350
400
450
1
10
100
At Any Rated Load Condition And With
Rated Vrrm Applied Following Surge.
Initial Tj = 150˚C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
36MB..A Series
100
150
200
250
300
350
400
450
500
0.01
0.1
1
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration.
Initial Tj = 150˚C
No Voltage Reapplied
Rated Vrrm Reapplied
36MB..A Series



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com