Electronic Components Datasheet Search
  English  ▼

X  

AM1705DPTP4 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # AM1705DPTP4
Description  AM1705 ARM짰 Microprocessor
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1705DPTP4 Datasheet(HTML) 36 Page - Texas Instruments

Back Button AM1705DPTP4 Datasheet HTML 32Page - Texas Instruments AM1705DPTP4 Datasheet HTML 33Page - Texas Instruments AM1705DPTP4 Datasheet HTML 34Page - Texas Instruments AM1705DPTP4 Datasheet HTML 35Page - Texas Instruments AM1705DPTP4 Datasheet HTML 36Page - Texas Instruments AM1705DPTP4 Datasheet HTML 37Page - Texas Instruments AM1705DPTP4 Datasheet HTML 38Page - Texas Instruments AM1705DPTP4 Datasheet HTML 39Page - Texas Instruments AM1705DPTP4 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 165 page
background image
AM1705
SPRS657E – FEBRUARY 2010 – REVISED JUNE 2014
www.ti.com
5.4
Notes on Recommended Power-On Hours (POH)
The information in the section below is provided solely for your convenience and does not extend or
modify the warranty provided under TI’s standard terms and conditions for TI semiconductor products.
To avoid significant degradation, the device power-on hours (POH) must be limited to the following:
Table 5-1. Recommended Power-On Hours
Operating Junction
Power-On Hours [POH]
Silicon Revision
Speed Grade
Nominal CVDD Voltage (V)
Temperature (Tj)
(hours)
D
375 MHz
0 to 90 °C
1.2V
100,000
D
375 MHz
-40 to 105 °C
1.2V
75,000(1)
D
456 MHz
0 to 90 °C
1.3V
100,000
D
456 MHz
-40 to 90 °C
1.3V
100,000
(1)
100,000 POH can be achieved at this temperature condition if the device operation is limited to 345 MHz.
Note: Logic functions and parameter values are not assured out of the range specified in the recommended
operating conditions.
The above notations cannot be deemed a warranty or deemed to extend or modify the warranty under
TI’s standard terms and conditions for TI semiconductor products.
36
Device Operating Conditions
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com