Electronic Components Datasheet Search
  English  ▼

X  

31GF4 Datasheet(PDF) 1 Page - General Semiconductor

Part # 31GF4
Description  Ultrafast Plastic Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

31GF4 Datasheet(HTML) 1 Page - General Semiconductor

  31GF4 Datasheet HTML 1Page - General Semiconductor 31GF4 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
31GF4
Vishay Semiconductors
formerly General Semiconductor
Document Number 88529
www.vishay.com
28-Feb-02
1
New Product
Ultrafast Plastic Rectifier
Reverse Voltage 400V
Forward Current 3.0A
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbol
Value
Unit
Maximum repetitive peak reverse voltage
VRRM
400
V
Maximum RMS voltage
VRMS
280
V
Maximum DC blocking voltage
VDC
400
V
Maximum average forward rectified current,
with FIN
3.0
0.375" (9.5mm) lead length
w/o FIN/PCB
IF(AV)
1.5
A
Peak forward surge current
8.3ms single half sine-wave superimposed
IFSM
60
A
on rated load (JEDEC Method) at TA = 55°C
Typical thermal resistance(1)
Junction-to-ambient
R
θJA
80
°C/W
Operating junction and storage temperature range
TJ, TSTG
–40 to +150
°C
Reverse Avalanche Energy (8/20
µs surge)
EAR
10
mJ
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbol
Value
Unit
Minimum reverse breakdown voltage at 10
µAV(BR)
400
V
Maximum instantaneous forward voltage at 3.0A(1)
VF
1.25
V
Maximum DC reverse current at rated DC blocking voltage
IR
20
µA
Maximum reverse recovery time
at IF = 0.5A, IR = 1.0A, Irr = 0.25A
trr
30
ns
Note: (1) Pulse test: 300
µs pulse width, 1% duty cycle
Dimensions in inches and (millimeters)
Features
• Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
• Glass passivated chip junction
• Low cost
• Ultrafast recovery time for high efficiency
• Low forward voltage, high current capability
• Low leakage
• High surge capability
• High temperature soldering guaranteed:
250°C, 0.375" (9.5mm) lead length for 10 seconds,
5 lbs. (2.3kg) tension
Mechanical Data
Case: JEDEC DO-201AD molded plastic body over
passivated chip
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.04 oz., 1.1 g
0.210 (5.3)
0.190 (4.8)
Dia.
0.052 (1.32)
0.048 (1.22)
Dia.
1.0 (25.4)
Min.
0.375 (9.5)
0.285 (7.2)
1.0 (25.4)
Min.
DO-201AD


Similar Part No. - 31GF4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
31GF4 VISHAY-31GF4 Datasheet
93Kb / 4P
Ultrafast Plastic Rectifier
20-Aug-07
logo
Gulf Semiconductor
31GF4 GULFSEMI-31GF4 Datasheet
79Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
logo
Vishay Siliconix
31GF4 VISHAY-31GF4 Datasheet
67Kb / 4P
Ultrafast Plastic Rectifier
23-Oct-09
logo
YENYO TECHNOLOGY Co., L...
31GF4 YENYO-31GF4 Datasheet
740Kb / 2P
Glass Passivated Efficient Fast Recovery Rectifier
logo
Vishay Siliconix
31GF4 VISHAY-31GF4 Datasheet
79Kb / 4P
Ultrafast Plastic Rectifier
01-Aug-2018
More results

Similar Description - 31GF4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
31GF4 VISHAY-31GF4 Datasheet
93Kb / 4P
Ultrafast Plastic Rectifier
20-Aug-07
MUR140 VISHAY-MUR140 Datasheet
95Kb / 4P
Ultrafast Plastic Rectifier
20-Aug-07
MUR420 VISHAY-MUR420 Datasheet
93Kb / 4P
Ultrafast Plastic Rectifier
20-Aug-07
MUR440 VISHAY-MUR440 Datasheet
94Kb / 4P
Ultrafast Plastic Rectifier
20-Aug-07
31GF4 VISHAY-31GF4_09 Datasheet
67Kb / 4P
Ultrafast Plastic Rectifier
23-Oct-09
UG2F VISHAY-UG2F Datasheet
73Kb / 4P
Ultrafast Plastic Rectifier
23-Oct-09
logo
Sangdest Microelectroni...
ER3JA SMC-ER3JA Datasheet
219Kb / 6P
ULTRAFAST PLASTIC RECTIFIER
MUR530AX SMC-MUR530AX Datasheet
166Kb / 5P
ULTRAFAST PLASTIC RECTIFIER
MUR860 SMC-MUR860 Datasheet
207Kb / 5P
ULTRAFAST PLASTIC RECTIFIER
MUR860AX SMC-MUR860AX Datasheet
166Kb / 5P
ULTRAFAST PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com