Electronic Components Datasheet Search
  English  ▼

X  

AM5716 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # AM5716
Description  AM571x Sitara??Processors Silicon Revision 2.0
PDF  388 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5716 Datasheet(HTML) 11 Page - Texas Instruments

Back Button AM5716 Datasheet HTML 7Page - Texas Instruments AM5716 Datasheet HTML 8Page - Texas Instruments AM5716 Datasheet HTML 9Page - Texas Instruments AM5716 Datasheet HTML 10Page - Texas Instruments AM5716 Datasheet HTML 11Page - Texas Instruments AM5716 Datasheet HTML 12Page - Texas Instruments AM5716 Datasheet HTML 13Page - Texas Instruments AM5716 Datasheet HTML 14Page - Texas Instruments AM5716 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 388 page
background image
11
AM5718, AM5716
www.ti.com
SPRS957A – MARCH 2016 – REVISED JUNE 2016
Submit Documentation Feedback
Terminal Configuration and Functions
Copyright © 2016, Texas Instruments Incorporated
NOTE
VOUT1, VOUT2 and VOUT3 are only supported at 1.8V and not at 3.3V. This must be
considered in the pin mux programming and VDDSHVx supply connections.
12. HYS: Indicates if the input buffer is with hysteresis:
–
Yes: With hysteresis
–
No: Without hysteresis
An empty box means "Yes".
NOTE
For more information, see the hysteresis values in Section 5.6, Electrical Characteristics.
13. BUFFER TYPE: Drive strength of the associated output buffer.
NOTE
For programmable buffer strength:
–
The default value is given in Table 4-2.
–
A note describes all possible values according to the selected muxmode.
14. PULLUP / PULLDOWN TYPE: Denotes the presence of an internal pullup or pulldown resistor.
Pullup and pulldown resistors can be enabled or disabled via software.
15. DSIS: The deselected input state (DSIS) indicates the state driven on the peripheral input (logic "0" or
logic "1") when the peripheral pin function is not selected by any of the PINCNTLx registers.
–
0: Logic 0 driven on the peripheral's input signal port.
–
1: Logic 1 driven on the peripheral's input signal port.
–
blank: Not Applicable.
NOTE
Configuring two pins to the same input signal is not supported as it can yield unexpected
results. This can be easily prevented with the proper software configuration (Hi-Z mode is not
an input signal).
NOTE
When a pad is set into a multiplexing mode which is not defined by pin multiplexing, that
pad’s behavior is undefined. This should be avoided.
NOTE
Some of the EMIF1 signals have an additional state change at the release of porz. The state
that the signals change to at the release of porz is as follows:
drive 0 (OFF) for: ddr1_csn0, ddr1_ck, ddr1_nck, ddr1_nck, ddr1_casn, ddr1_rasn,
ddr1_wen, ddr1_ba[2:0], ddr1_a[15:0].
OFF for: ddr1_ecc_d[7:0], ddr1_dqm[3:0], ddr1_dqm_ecc, ddr1_dqs[3:0], ddr1_dqsn[3:0],
ddr1_dqs_ecc, ddr1_dqsn_ecc, ddr1_d[31:0].
NOTE
Dual rank support is not available on this device, but signal names are retained for
consistency with the AM57xx family of devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com