Electronic Components Datasheet Search
  English  ▼

X  

40HFL Datasheet(PDF) 1 Page - International Rectifier

Part # 40HFL
Description  FAST RECOVERY DIODES
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

40HFL Datasheet(HTML) 1 Page - International Rectifier

  40HFL Datasheet HTML 1Page - International Rectifier 40HFL Datasheet HTML 2Page - International Rectifier 40HFL Datasheet HTML 3Page - International Rectifier 40HFL Datasheet HTML 4Page - International Rectifier 40HFL Datasheet HTML 5Page - International Rectifier 40HFL Datasheet HTML 6Page - International Rectifier 40HFL Datasheet HTML 7Page - International Rectifier 40HFL Datasheet HTML 8Page - International Rectifier 40HFL Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Features
Short reverse recovery time
Low stored charge
Wide current range
Excellent surge capabilities
Stud cathode and stud anode versions
Types up to 1000VRRM
I
F(AV)
40
70
85
A
@ Max Tc
75
75
75
A
I
FSM
@50Hz
400
700
1100
A
@ 60Hz
420
730
1151
A
I2t@50Hz
800
2450
6050
A2s
@ 60Hz
730
2240
5523
A2s
I2√t
11300
34650
85560
I2√s
V
RRM
range
100 to 1000
V
t
rr
range
see table
ns
T
J
range
- 40 to 125
°C
Major Ratings and Characteristics
Parameters
40HFL
70HFL
85HFL Units
1
FAST RECOVERY DIODES
Stud Version
40HFL, 70HFL, 85HFL SERIES
www.irf.com
Bulletin PD-2.093 revB 10/04
Description
This range of fast recovery diodes is
designed for applications in DC power
supplies, inverters, converters, choppers,
ultrasonic systems and for use as a free
wheeling diode.
case style
DO-203AB (DO-5)
85HFL
40HFL/ 70HFL


Similar Part No. - 40HFL

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
40HFL TEL-40HFL Datasheet
201Kb / 1P
Super Fast Recovery Rectifier
logo
Vishay Siliconix
40HFL VISHAY-40HFL Datasheet
1Mb / 12P
Fast Recovery Diodes (Stud Version), 40/70/85 A
16-May-08
40HFL VISHAY-40HFL Datasheet
1Mb / 14P
Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
25-May-09
logo
International Rectifier
40HFL100S05 IRF-40HFL100S05 Datasheet
360Kb / 10P
Fast Recovery Rectifiers
logo
Vishay Siliconix
40HFL100S05 VISHAY-40HFL100S05 Datasheet
1Mb / 12P
Fast Recovery Diodes (Stud Version), 40/70/85 A
16-May-08
More results

Similar Description - 40HFL

ManufacturerPart #DatasheetDescription
logo
Sanken electric
CTU-34S SANKEN-CTU-34S Datasheet
324Kb / 5P
Fast Recovery Diodes
logo
Rohm
RF601B2D ROHM-RF601B2D Datasheet
178Kb / 4P
Fast recovery diodes
logo
International Rectifier
IRKL240 IRF-IRKL240_06 Datasheet
222Kb / 11P
FAST RECOVERY DIODES
logo
AEGIS SEMICONDUTORES LT...
A1C:15S.02.02 AEGIS-A1C:15S.02.02 Datasheet
998Kb / 4P
Fast Recovery Diodes
A1C:70S.02.02 AEGIS-A1C:70S.02.02 Datasheet
803Kb / 4P
Fast Recovery Diodes
A1C:70S.02.10 AEGIS-A1C:70S.02.10 Datasheet
990Kb / 4P
Fast Recovery Diodes
logo
Guangdong Kexin Industr...
RS1AFH KEXIN-RS1AFH Datasheet
1Mb / 4P
Fast Recovery diodes
logo
Nell Semiconductor Co.,...
40FDR NELLSEMI-40FDR Datasheet
617Kb / 6P
Fast Recovery Diodes
85FDR NELLSEMI-85FDR Datasheet
647Kb / 6P
Fast Recovery Diodes
logo
Shenzhen Luguang Electr...
ZK200A LUGUANG-ZK200A Datasheet
2Mb / 1P
FAST RECOVERY DIODES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com