Electronic Components Datasheet Search
  English  ▼

X  

CER0445C Datasheet(PDF) 2 Page - CTS Corporation

Part # CER0445C
Description  Surface mount, silver (Ag) coated ceramic filter.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0445C Datasheet(HTML) 2 Page - CTS Corporation

  CER0445C Datasheet HTML 1Page - CTS Corporation CER0445C Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CER0445C
1880 MHz Actiplex™ Series BPF
Mechanical Drawing
Dim
Nominal
(mm)
Tolerance (mm)
+/- or max
A
64.85
max
B
9.14
max
C
1.27
0.13
D
1.02
0.13
E
1.02
0.13
F
21.64
0.13
G
21.03
0.13
H
9.88
max
I
1.27
0.13
J
11.70
max
Revision B – Origin Date: September 1, 2006 – Revision Date: July 11, 2011
Packaging and Marking
Electrical response
PCB Layout
Document No. 008-0256-0
Page 2 of 2
Rev. X4VH
- CTS Electronic Components - www.ctscorp.com – 4800 Alameda Blvd. NE – Albuquerque, NM 87113 -
-80
-70
-60
-50
-40
-30
-20
-10
0
1775
1800
1825
1850
1875
1900
1925
1950
1975
-40
-30
-20
-10
0
10
20
30
40
CER0445C
CTS
YWW
The trays have 12 slots each with 2 filters
per slot. Boxes are packed with 5 Trays
per box for a total of 120 filters per box.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com