Electronic Components Datasheet Search
  English  ▼

X  

CER0455B Datasheet(PDF) 1 Page - CTS Corporation

Part # CER0455B
Description  Surface mount, silver (Ag) coated ceramic filter.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0455B Datasheet(HTML) 1 Page - CTS Corporation

  CER0455B Datasheet HTML 1Page - CTS Corporation CER0455B Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CER0455B
5.6 GHz BPF
Document No. 008-0256-0
Page 1 of 2
Rev. X4VH
Note: Supplier shall test each filter to the critical electrical specifications of the above table. Any subsequent audits may deviate from in value due to measurement
repeatability among different test systems. Such deviations shall not exceed the following limits:
Specification Allowance
Insertion Loss
0.1 dB
Return Loss
1.0 dB
Stopbands
1.0 dB
Electrical Specifications
Features
• Low Ripple
• High Rejection
• Low Loss
Description
Surface mount, silver (Ag) coated ceramic
filter. Developed for use in W-CDMA repeater
and base station applications, CTS
Monoblock LR Series Filters are designed to
minimize ripple and maximize rejection.
Weight: 4.7 grams typical
Material: Filter is composed of a ceramic
block coated with Ag and a shield made of
nickel silver plated steel.
Filter complies with RoHS standards.
- CTS Electronic Components - www.ctscorp.com - 171 Covington Drive - Bloomingdale, IL 60108 -
Rev 1 – Origin Date: July 31, 2006 – Revision Date: January 12, 2007
•“This product is covered by one or more of the following U.S. and foreign patents including: US 4,692,726;US 4,742,562; US 4,800,348;US 4,829,274;US 5,146,193;EP 0573597;DE 0573597;FR 0573597;JP 508149/92;KR 142171;US
5,162,760;US 5,218,329;US 5,250,916;US 5,327,109;US 5,488,335;CA 2114029;FR 9306297;GB 2273393;JP 3205337;KR 115113;CN 93106228.4;US 5,512,866;EP 0706719;DE 0706719;FR 0706719;GB 0706719;CN 95190359.4;US
5,602,518;US 5,721,520;US 5,745,018;EP 0910875;DE 0910875;DK 0910875;FR 0910875;GB 0910875;IE 0910875;JP 505182/98;KR 10-323013;US 5,994,978;US 6,462,629;CN 00810420.4;US 6,559,735;US 6,650,202;US
6,834,429.Other US and foreign patents pending.
•CTS Corporation 2006 reserves all copyrights in the layout, design and configuration of the patterns on this product.”
Parameter
Frequency
MHz
Typical
@ 25ºC
Specification
@ 25ºC
Spec over
-40ºC to +85ºC
Passband Iloss
5470 - 5725
-1.4
-1.7
-2.0
Passband Ripple
5470 - 5725
0.4
0.7
0.8
Passband Return Loss @ Port 1
5470 - 5725
-13.0
-10.0
-10.0
Passband Return Loss @ Port 2
5470 - 5725
-13.0
-10.0
-10.0
Attenuation
5320
-28.0
-25.0
-25.0
5850
-23.0
-10.0
-20.0
Power into any port
1 Watt max


Similar Part No. - CER0455B

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CER0455A CTS-CER0455A Datasheet
93Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
More results

Similar Description - CER0455B

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CER0167B CTS-CER0167B Datasheet
68Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0171A CTS-CER0171A Datasheet
294Kb / 2P
Surface mount, silver (Ag) coated ceramic filter
CER0185A CTS-CER0185A Datasheet
101Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0186A CTS-CER0186A Datasheet
103Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0202A CTS-CER0202A Datasheet
276Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0206A CTS-CER0206A Datasheet
144Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0213C CTS-CER0213C Datasheet
61Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0220A CTS-CER0220A Datasheet
62Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0230A CTS-CER0230A Datasheet
71Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0231A CTS-CER0231A Datasheet
71Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com