Electronic Components Datasheet Search
  English  ▼

X  

AM5726 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # AM5726
Description  AM572x Sitara??Processors
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5726 Datasheet(HTML) 2 Page - Texas Instruments

  AM5726 Datasheet HTML 1Page - Texas Instruments AM5726 Datasheet HTML 2Page - Texas Instruments AM5726 Datasheet HTML 3Page - Texas Instruments AM5726 Datasheet HTML 4Page - Texas Instruments AM5726 Datasheet HTML 5Page - Texas Instruments AM5726 Datasheet HTML 6Page - Texas Instruments AM5726 Datasheet HTML 7Page - Texas Instruments AM5726 Datasheet HTML 8Page - Texas Instruments AM5726 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 415 page
background image
2
AM5728, AM5726
SPRS953A – DECEMBER 2015 – REVISED JUNE 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5728 AM5726
Device Overview
Copyright © 2015–2016, Texas Instruments Incorporated
1.3
Description
AM572x Sitara ARM applications processors are built to meet the intense processing needs of the modern
embedded products.
AM572x devices bring high processing performance through the maximum flexibility of a fully integrated
mixed processor solution. The devices also combine programmable video processing with a highly
integrated peripheral set. Cryptographic acceleration is available in every AM572x device.
Programmability is provided by dual-core ARM Cortex-A15 RISC CPUs with Neon™ extension, and two TI
C66x VLIW floating-point DSP cores. The ARM allows developers to keep control functions separate from
other algorithms programmed on the DSPs and coprocessors, thus reducing the complexity of the system
software.
Additionally, TI provides a complete set of development tools for the ARM and C66x DSP, including C
compilers, a DSP assembly optimizer to simplify programming and scheduling, and a debugging interface
for visibility into source code execution.
Device Information
PART NUMBER
PACKAGE
BODY SIZE
AM5728
FCBGA (760)
23.0 mm × 23.0 mm
AM5726
FCBGA (760)
23.0 mm × 23.0 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com