Electronic Components Datasheet Search
  English  ▼

X  

DAC7616UB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7616UB
Description  Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7616UB Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC7616UB Datasheet HTML 4Page - Texas Instruments DAC7616UB Datasheet HTML 5Page - Texas Instruments DAC7616UB Datasheet HTML 6Page - Texas Instruments DAC7616UB Datasheet HTML 7Page - Texas Instruments DAC7616UB Datasheet HTML 8Page - Texas Instruments DAC7616UB Datasheet HTML 9Page - Texas Instruments DAC7616UB Datasheet HTML 10Page - Texas Instruments DAC7616UB Datasheet HTML 11Page - Texas Instruments DAC7616UB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
DAC7616
SBAS186
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VDD = +3V, VREFH = +1.25V, and VREFL = 0V, representative unit, unless otherwise specified.
1000
900
800
700
600
500
400
300
200
100
0
Temperature (
°C)
–40
0
–20
20
40
60
80
100
POWER SUPPLY CURRENT vs TEMPERATURE
3.0
2.5
2.0
1.5
1.0
0.5
0.0
R
LOAD (kΩ)
0.01
0.1
1
10
100
OUTPUT VOLTAGE vs R
LOAD
Source
Sink
Time (2
µs/div)
OUTPUT VOLTAGE vs SETTLING TIME
(0V to +1.25V)
Large-Signal Output (0.5V/div)
Small-Signal Error (1mV/div)
LDAC (5.0V/div)
Time (2
µs/div)
OUTPUT VOLTAGE vs SETTLING TIME
(+1.25V to 0V)
Large-Signal Output (0.5V/div)
Small-Signal Error (1mV/div)
LDAC (5.0V/div)
Time (1
µs/div)
MID-SCALE GLITCH PERFORMANCE
(CODE 7FF
H to 800H)
LDAC (5.0V/div)
Glitch Waveform (20mV/div)
Time (1
µs/div)
MID-SCALE GLITCH PERFORMANCE
(CODE 800
H to 7FFH)
LDAC (5.0V/div)
Glitch Waveform (20mV/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com