Electronic Components Datasheet Search
  English  ▼

X  

DAC7624UB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7624UB
Description  12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7624UB Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC7624UB Datasheet HTML 5Page - Texas Instruments DAC7624UB Datasheet HTML 6Page - Texas Instruments DAC7624UB Datasheet HTML 7Page - Texas Instruments DAC7624UB Datasheet HTML 8Page - Texas Instruments DAC7624UB Datasheet HTML 9Page - Texas Instruments DAC7624UB Datasheet HTML 10Page - Texas Instruments DAC7624UB Datasheet HTML 11Page - Texas Instruments DAC7624UB Datasheet HTML 12Page - Texas Instruments DAC7624UB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
®
DAC7624/7625
1
2
3
4
V
REFH
V
OUTB
Load DAC Registers
Reset DACs(1)
V
OUTA
V
SS
5
GND
6
RESET
7
8
9
10
11
12
13
14
LDAC
DB0
DB1
DB2
DB3
DB4
DB5
DB6
V
REFL
V
OUTC
DAC7624
DAC7625
V
OUTD
V
DD
28
27
26
25
NIC
24
CS
23
A0
A1
R/W
DB11
DB10
DB9
DB8
DB7
22
21
20
19
18
17
16
15
Chip Select
–2.5V to +2.5V
–2.5V to +2.5V
Read/Write
Data Bus
Address Bus
or Decoder
NOTE: (1) Reset LOW sets all DACs to code 800
H on the DAC7624 and to code 000H on the DAC7625.
–2.500V
0.1µF
+5V
0.1µF
1µF to 10µF
+
–2.5V to +2.5V
–2.5V to +2.5V
–5V
+2.500V
0.1µF
0.1µF
1µF to 10µF
+
Data Bus
1
2
3
4
V
REFH
V
OUTB
Load DAC Registers
Reset DACs(1)
V
OUTA
V
SS
5
GND
6
RESET
7
8
9
10
11
12
13
14
LDAC
DB0
DB1
DB2
DB3
DB4
DB5
DB6
V
REFL
V
OUTC
DAC7624
DAC7625
V
OUTD
V
DD
28
27
26
25
NIC
24
CS
23
A0
A1
R/W
DB11
DB10
DB9
DB8
DB7
22
21
20
19
18
17
16
15
Chip Select
Read/Write
Data Bus
Data Bus
Address Bus
or Decoder
+5V
NOTE: (1) Reset LOW sets all DACs to code 800
H on the DAC7624 and to code 000H on the DAC7625.
0V to +2.5V
0V to +2.5V
0V to +2.5V
0V to +2.5V
0.1µF
1µF to 10µF
+
+2.500V
0.1µF
THEORY OF OPERATION
The DAC7624 and DAC7625 are quad, voltage output,
12-bit digital-to-analog converters (DACs). The architecture
is a classic R-2R ladder configuration followed by an opera-
tional amplifier that serves as a buffer. Each DAC has its
own R-2R ladder network and output op-amp, but all share
the reference voltage inputs. The minimum voltage output
(“zero-scale”) and maximum voltage output (“full-scale”)
are set by the external voltage references (VREFL and VREFH,
respectively). The digital input is a 12-bit parallel word and
the DAC input registers offer a readback capability. The
converters can be powered from a single +5V supply or a
dual
±5V supply. Each device offers a reset function which
immediately sets all DAC output voltages and DAC regis-
ters to mid-scale (DAC7624, code 800H) or to zero-scale
(DAC7625, code 000H). See Figures 1 and 2 for the basic
operation of the DAC7624/25.
FIGURE 1. Basic Single-Supply Operation of the DAC7624/25.
FIGURE 2. Basic Dual-Supply Operation of the DAC7624/25.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com