Electronic Components Datasheet Search
  English  ▼

X  

VF600-G2 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # VF600-G2
Description  Value Flex
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

VF600-G2 Datasheet(HTML) 4 Page - OSRAM GmbH

  VF600-G2 Datasheet HTML 1Page - OSRAM GmbH VF600-G2 Datasheet HTML 2Page - OSRAM GmbH VF600-G2 Datasheet HTML 3Page - OSRAM GmbH VF600-G2 Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
VF600 - G2
– 20.05.2015
Page 4 of 4
www.osram.com
OSRAM APAC
Product code
Product name
EAN 10*
S-Unit*
VF600-G2-827-06
Value Flex 600lm/m G2 2700K
4052899316706
20
VF600-G2-830-06
Value Flex 600lm/m G2 3000K
4052899316720
20
VF600-G2-840-06
Value Flex 600lm/m G2 4000K
4052899316744
20
VF600-G2-865-06
Value Flex 600lm/m G2 6500K
4052899316768
20
Sales and Technical Support
Ordering Guide
* EAN 10: Ordering number per single sale unit
* S-Unit: Modules / accessory number per shipping unit
Note: Typical performance data are subject to change without any further notice, particularly as LED technology evolves.
OSRAM Asia Pacific
5/F, Hantang Building, OCT
Shennan Ave, Nan Shan District,
518053, Shenzhen, Guangdong, P.R.
China
www.osram.com
Sales and technical support is given by the
local OSRAM subsidiaries.
On our world wide homepage all OSRAM
subsidiaries are listed with complete address
and phone numbers.
SLIMCONNECT system
Product code
EAN 10*
S-Unit*
LF-2PIN Flex SC
4008321832436
10
LF-CONN Flex SC
4008321832467
25



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com