Electronic Components Datasheet Search
  English  ▼

X  

74ALVC244PW Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74ALVC244PW
Description  Octal buffer/line driver; 3-state
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC244PW Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74ALVC244PW Datasheet HTML 4Page - NXP Semiconductors 74ALVC244PW Datasheet HTML 5Page - NXP Semiconductors 74ALVC244PW Datasheet HTML 6Page - NXP Semiconductors 74ALVC244PW Datasheet HTML 7Page - NXP Semiconductors 74ALVC244PW Datasheet HTML 8Page - NXP Semiconductors 74ALVC244PW Datasheet HTML 9Page - NXP Semiconductors 74ALVC244PW Datasheet HTML 10Page - NXP Semiconductors 74ALVC244PW Datasheet HTML 11Page - NXP Semiconductors 74ALVC244PW Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
2003 Sep 08
8
Philips Semiconductors
Product specification
Octal buffer/line driver; 3-state
74ALVC244
AC CHARACTERISTICS
Note
1. All typical values are measured at Tamb =25 °C.
AC WAVEFORMS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.(1)
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb = −40 to +85 °C
tPHL/tPLH
propagation delay nAn to nYn
see Figs 6 and 8 1.65 to 1.95
1.0
2.7
4.4
ns
2.3 to 2.7
1.0
2.0
3.1
ns
2.7
1.0
2.3
3.1
ns
3.0 to 3.6
1.0
2.2
2.8
ns
tPZH/tPZL
3-state output enable time
nOE to nYn
see Figs 7 and 8 1.65 to 1.95
1.0
3.4
6.9
ns
2.3 to 2.7
1.0
2.6
5.4
ns
2.7
1.0
3.2
5.3
ns
3.0 to 3.6
1.0
2.5
4.5
ns
tPHZ/tPLZ
3-state output disable time
nOE to nYn
see Figs 7 and 8 1.65 to 1.95
1.0
3.8
5.9
ns
2.3 to 2.7
1.0
2.2
4.1
ns
2.7
1.0
3.0
4.4
ns
3.0 to 3.6
1.0
2.9
4.2
ns
handbook, halfpage
MNA171
nAn input
nYn output
tPLH
tPHL
GND
VI
VM
VM
VM
VM
VOH
VOL
Fig.6 Input nAn to output nYn propagation delay times.
VCC
VM
INPUT
VI
tr =tf
1.65 to 1.95 V
0.5
× VCC VCC
≤ 2.0 ns
2.3 to 2.7 V
0.5
× VCC VCC
≤ 2.0 ns
2.7 V
1.5 V
2.7 V
≤ 2.5 ns
3.0 to 3.6 V
1.5 V
2.7 V
≤ 2.5 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com