Electronic Components Datasheet Search
  English  ▼

X  

74ALVC244BQ Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74ALVC244BQ
Description  Octal buffer/line driver; 3-state
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC244BQ Datasheet(HTML) 3 Page - NXP Semiconductors

  74ALVC244BQ Datasheet HTML 1Page - NXP Semiconductors 74ALVC244BQ Datasheet HTML 2Page - NXP Semiconductors 74ALVC244BQ Datasheet HTML 3Page - NXP Semiconductors 74ALVC244BQ Datasheet HTML 4Page - NXP Semiconductors 74ALVC244BQ Datasheet HTML 5Page - NXP Semiconductors 74ALVC244BQ Datasheet HTML 6Page - NXP Semiconductors 74ALVC244BQ Datasheet HTML 7Page - NXP Semiconductors 74ALVC244BQ Datasheet HTML 8Page - NXP Semiconductors 74ALVC244BQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
2003 Sep 08
3
Philips Semiconductors
Product specification
Octal buffer/line driver; 3-state
74ALVC244
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
L = LOW voltage level;
X = don’t care;
Z = high-impedance OFF-state.
ORDERING INFORMATION
INPUT
OUTPUT
nOE
nAn
nYn
LLL
LH
H
HX
Z
TYPE NUMBER
PACKAGE
TEMPERATURE
RANGE
PINS
PACKAGE
MATERIAL
CODE
74ALVC244D
−40 to +85 °C
20
SO20
plastic
SOT163-1
74ALVC244PW
−40 to +85 °C
20
TSSOP20
plastic
SOT360-1
74ALVC244BQ
−40 to +85 °C
20
DHVQFN20
plastic
SOT764-1
PINNING
PIN
SYMBOL
DESCRIPTION
11OE
output enable input (active LOW)
2
1A0
data input
3
2Y0
bus output
4
1A1
data input
5
2Y1
bus output
6
1A2
data input
7
2Y2
bus output
8
1A3
data input
9
2Y3
bus output
10
GND
ground (0 V)
11
2A3
data input
12
1Y3
bus output
13
2A2
data input
14
1Y2
bus output
15
2A1
data input
16
1Y1
bus output
17
2A0
data input
18
1Y0
bus output
19
2OE
output enable input (active LOW)
20
VCC
supply voltage
PIN
SYMBOL
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com