Electronic Components Datasheet Search
  English  ▼

X  

DAC1232LIN Datasheet(PDF) 11 Page - Texas Instruments

Part # DAC1232LIN
Description  DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC1232LIN Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC1232LIN Datasheet HTML 7Page - Texas Instruments DAC1232LIN Datasheet HTML 8Page - Texas Instruments DAC1232LIN Datasheet HTML 9Page - Texas Instruments DAC1232LIN Datasheet HTML 10Page - Texas Instruments DAC1232LIN Datasheet HTML 11Page - Texas Instruments DAC1232LIN Datasheet HTML 12Page - Texas Instruments DAC1232LIN Datasheet HTML 13Page - Texas Instruments DAC1232LIN Datasheet HTML 14Page - Texas Instruments DAC1232LIN Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Application Hints (Continued)
width If this does not provide a sufficient data hold time at
the end of the write cycle a negative edge triggered one-
shot can be included between the system write strobe and
the WR pin of the DAC This is illustrated in
Figure 6 for an
exemplary system which provides a 250 ns WR strobe time
with a data hold time of only 10 ns
The proper data set-up time prior to the latching edge (low
to high transition) of the WR strobe is insured if the WR
pulse width is within spec and the data is valid on the bus for
the duration of the DAC WR strobe
19 Digital Signal Feedthrough
A typical microprocessor is a tremendous potential source
of high frequency noise which can be coupled to sensitive
analog circuitry The fast edges of the data and address bus
signals generate frequency components of 10’s of mega-
hertz and may cause fast transients to appear at the DAC
output even when data is latched internally
In low frequency or DC applications low pass filtering can
reduce the magnitude of any fast transients This is most
easily accomplished by over-compensating the DAC output
amplifier by increasing the value of its feedback capacitor
In applications requiring a fast output response from the
DAC and op amp filtering may not be feasible In this event
digital signals can be completely isolated from the DAC
circuitry by the use of a DM74LS374 latch until a valid
CS signal is applied to update the DAC This is shown in
Figure 7
A single TRI-STATE
data buffer such as the DM81LS95
can be used to isolate any number of DACs in a system
Figure 8 shows this isolating circuitry and decoding hard-
ware for a multiple DAC analog output card Pull-up resis-
tors are used on the buffer outputs to limit the impedance at
the DAC digital inputs when the card is not selected A
unique feature of this card is that the DAC XFER strobes are
controlled by the data bus This allows a very flexible update
of any combination of analog outputs via a transfer word
which would contain a zero in the bit position assigned to
any of the DACs required to change to a new output value
TLH5690-13
FIGURE 7 Isolating Data Bus from DAC Circuitry to Eliminate Digital Noise Coupling
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com