Electronic Components Datasheet Search
  English  ▼

X  

KSD5000 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # KSD5000
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

KSD5000 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  KSD5000 Datasheet HTML 1Page - Inchange Semiconductor Company Limited KSD5000 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
1
isc Silicon NPN Power Transistor
KSD5000
DESCRIPTION
·
High Breakdown Voltage-
: VCBO= 1500V (Min)
·
High Switching Speed
·
High Reliability
·
Built-in Damper Diode
APPLICATIONS
·
Designed for color TV horizontal output applicaitions
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
1500
V
VCEO
Collector-Emitter Voltage
800
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current- Continuous
2.5
A
ICP
Collector Current-Peak
10
A
PC
Collector Power Dissipation
@ TC=25℃
80
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃


Similar Part No. - KSD5000

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KSD5001 SAMSUNG-KSD5001 Datasheet
198Kb / 6P
NPN (COLOR TV GORIZONTAL OUTPUT APPLICATIONS)
logo
Inchange Semiconductor ...
KSD5001 ISC-KSD5001 Datasheet
130Kb / 2P
isc Silicon NPN Power Transistor
logo
Samsung semiconductor
KSD5002 SAMSUNG-KSD5002 Datasheet
38Kb / 1P
COLOR TV HORIZONTAL OUT PUT APPLICATIONS (DAMPER DIODE BUILT IN)
logo
Inchange Semiconductor ...
KSD5002 ISC-KSD5002 Datasheet
130Kb / 2P
isc Silicon NPN Power Transistor
logo
Samsung semiconductor
KSD5003 SAMSUNG-KSD5003 Datasheet
194Kb / 6P
NPN (COLOR TV HORZONTAL OUTPUT APPLICATIONS (DAMPER DIODE BUILT IN)
More results

Similar Description - KSD5000

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com