Electronic Components Datasheet Search
  English  ▼

X  

CD54HC377 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC377
Description  High-Speed CMOS Logic Octal D-Type Flip-Flop
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD54HC377 Datasheet(HTML) 1 Page - Texas Instruments

  CD54HC377 Datasheet HTML 1Page - Texas Instruments CD54HC377 Datasheet HTML 2Page - Texas Instruments CD54HC377 Datasheet HTML 3Page - Texas Instruments CD54HC377 Datasheet HTML 4Page - Texas Instruments CD54HC377 Datasheet HTML 5Page - Texas Instruments CD54HC377 Datasheet HTML 6Page - Texas Instruments CD54HC377 Datasheet HTML 7Page - Texas Instruments CD54HC377 Datasheet HTML 8Page - Texas Instruments CD54HC377 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS184C
Features
• Buffered Common Clock
• Buffered Inputs
• Typical Propagation Delay at CL = 15pF,
VCC = 5V, TA = 25
oC
- 14 ns (HC Types
- 16 ns (HCT Types)
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30%of VCC at
VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC377 and ’HCT377 are octal D-type flip-flops with a
buffered clock (CP) common to all eight flip-flops. All the flip-
flops are loaded simultaneously on the positive edge of the
clock (CP) when the Data Enable (E) is Low.
Pinout
CD54HC377, CD54HCT377
(CERDIP)
CD74HC377
(PDIP, SOIC, TSSOP)
CD74HCT377
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC377F3A
-55 to 125
20 Ld CERDIP
CD54HCT377F3A
-55 to 125
20 Ld CERDIP
CD74HC377E
-55 to 125
20 Ld PDIP
CD74HC377M
-55 to 125
20 Ld SOIC
CD74HC377M96
-55 to 125
20 Ld SOIC
CD74HC377PW
-55 to 125
20 Ld TSSOP
CD74HC377PWR
-55 to 125
20 Ld TSSOP
CD74HCT377E
-55 to 125
20 Ld PDIP
CD74HCT377M
-55 to 125
20 Ld SOIC
CD74HCT377M96
-55 to 125
20 Ld SOIC
NOTE: When ordering, use the entire part number. The suffixes
96 and R denote tape and reel.
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
E
Q0
D0
D1
Q1
Q2
D3
D2
Q3
GND
VCC
D7
D6
Q6
Q7
Q5
D5
D4
Q4
CP
September 1997 - Revised February 2004
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2004, Texas Instruments Incorporated
CD54HC377, CD74HC377,
CD54HCT377, CD74HCT377
High-Speed CMOS Logic
Octal D-Type Flip-Flop With Data Enable
[ /Title
(CD74
HC377
,
CD74
HCT37
7)
/Sub-
ject
(High
Speed
CMOS
Logic
Octal
D-
Type
Flip-


Similar Part No. - CD54HC377

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC377 TI-CD54HC377 Datasheet
311Kb / 13P
High-Speed CMOS Logic Octal D-Type Flip-Flop With Data Enable
CD54HC377 TI2-CD54HC377 Datasheet
789Kb / 20P
High-Speed CMOS Logic Octal D-Type Flip-Flop With Data Enable
Revised February 2004
CD54HC377F3A TI-CD54HC377F3A Datasheet
311Kb / 13P
High-Speed CMOS Logic Octal D-Type Flip-Flop With Data Enable
CD54HC377F3A TI2-CD54HC377F3A Datasheet
789Kb / 20P
High-Speed CMOS Logic Octal D-Type Flip-Flop With Data Enable
Revised February 2004
CD54HC377F3A.A TI2-CD54HC377F3A.A Datasheet
789Kb / 20P
High-Speed CMOS Logic Octal D-Type Flip-Flop With Data Enable
Revised February 2004
More results

Similar Description - CD54HC377

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC273 TI-CD74HC273 Datasheet
54Kb / 8P
High Speed CMOS Logic Octal D-Type Flip-Flop with Reset
CD74HC377 TI-CD74HC377 Datasheet
55Kb / 7P
High Speed CMOS Logic Octal D-Type Flip-Flop with Data Enable
CD54HC377 TI-CD54HC377 Datasheet
311Kb / 13P
High-Speed CMOS Logic Octal D-Type Flip-Flop With Data Enable
CD54HC273 TI-CD54HC273 Datasheet
295Kb / 7P
High-Speed CMOS Logic Octal D-Type Flip-Flop with Reset
logo
Toshiba Semiconductor
TC74AC377 TOSHIBA-TC74AC377 Datasheet
225Kb / 3P
dvanced high speed CMOS OCTAL D-TYPE FLIP-FLOP fabricated
logo
List of Unclassifed Man...
XC74WL74AASR ETC-XC74WL74AASR Datasheet
120Kb / 4P
CMOS Logic D-Type Flip Flop
logo
Torex Semiconductor
XC74WL74AASR TOREX-XC74WL74AASR Datasheet
243Kb / 4P
CMOS Logic D-Type Flip Flop
logo
Texas Instruments
CD54HC374 TI-CD54HC374_07 Datasheet
454Kb / 18P
High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
CD74HCT574-EP TI1-CD74HCT574-EP Datasheet
622Kb / 14P
HIGH-SPEED CMOS LOGIC OCTAL D-TYPE FLIP-FLOP 3-STATE,POSITIVE-EDGE TRIGGERED
CD54HC273 TI1-CD54HC273_16 Datasheet
858Kb / 18P
High-Speed CMOS Logic Octal D-Type Flip-Flop with Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com