Electronic Components Datasheet Search
  English  ▼

X  

CD74AC151 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CD74AC151
Description  8-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74AC151 Datasheet(HTML) 4 Page - Texas Instruments

  CD74AC151 Datasheet HTML 1Page - Texas Instruments CD74AC151 Datasheet HTML 2Page - Texas Instruments CD74AC151 Datasheet HTML 3Page - Texas Instruments CD74AC151 Datasheet HTML 4Page - Texas Instruments CD74AC151 Datasheet HTML 5Page - Texas Instruments CD74AC151 Datasheet HTML 6Page - Texas Instruments CD74AC151 Datasheet HTML 7Page - Texas Instruments CD74AC151 Datasheet HTML 8Page - Texas Instruments CD74AC151 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CD74AC151
8-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SCHS333 – MARCH 2003
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 1.5 V, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
–55
°C to
125
°C
–40
°C to
85
°C
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
tPLH
D
Y
169
152
ns
tPHL
D
Y
169
152
ns
tPLH
D
W
186
169
ns
tPHL
D
W
186
169
ns
tPLH
AB
C
Y
228
207
ns
tPHL
A, B, or C
Y
228
207
ns
tPLH
ABor C
W
245
223
ns
tPHL
A, B, or C
W
245
223
ns
tPLH
G
Y
153
139
ns
tPHL
G
Y
153
139
ns
tPLH
G
W
169
153
ns
tPHL
G
W
169
153
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
–55
°C to
125
°C
–40
°C to
85
°C
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
tPLH
D
Y
4.7
18.9
4.9
17.1
ns
tPHL
D
Y
4.7
18.9
4.9
17.1
ns
tPLH
D
W
5.2
20.9
5.4
19
ns
tPHL
D
W
5.2
20.9
5.4
19
ns
tPLH
AB
C
Y
6.4
25.5
6.6
23.2
ns
tPHL
A, B, or C
Y
6.4
25.5
6.6
23.2
ns
tPLH
ABor C
W
6.9
27.4
7.1
24.9
ns
tPHL
A, B, or C
W
6.9
27.4
7.1
24.9
ns
tPLH
G
Y
4.3
17.1
4.4
15.5
ns
tPHL
G
Y
4.3
17.1
4.4
15.5
ns
tPLH
G
W
4.7
18.9
4.9
17.2
ns
tPHL
G
W
4.7
18.9
4.9
17.2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com