Electronic Components Datasheet Search
  English  ▼

X  

CER0519B Datasheet(PDF) 2 Page - CTS Corporation

Part # CER0519B
Description  Surface mount, silver (Ag) coated ceramic filter for use in broadband pplications.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0519B Datasheet(HTML) 2 Page - CTS Corporation

  CER0519B Datasheet HTML 1Page - CTS Corporation CER0519B Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CER0519B
4.9 GHz BPF
Document No. 008-0256-0
Page 2 of 2
Rev. X4VH
- CTS Electronic Components - www.ctscorp.com - 171 Covington Drive - Bloomingdale, IL 60108 -
Mechanical Drawing
Electrical response
PCB Layout
Packaging and Marking
Dim
Nominal
(mm)
Tolerance (mm)
+/- or max
A
11.5
0.3
B
3.7
Max
C
1.02
0.13
D
0.38
0.13
E
0.38
0.13
F
3.97
0.13
G
3.97
0.13
H
4.7
0.13
I
1.02
0.13
J
4.4
Max
K
1.1
Max
L
0.38
0.13
M
0.8
Min
Rev 0 – Origin Date: January 30, 2007 – Revision Date: January 30, 2007
DIMENSION
UNITS SPECIFICATION
REEL DIAMETER
mm
330
REEL WEIGHT
kg
1.7
REEL QUANTITY
ea.
1000
Customer Feed Direction
Product Marking
CTS
19B
YWW
Wo
Ao
Bo
Ko
Po
Inches/mm
Inches/mm
Inches/mm
Inches/mm
Inches/mm
0.945"/24
0.201"/5.1
0.465"/11.8
0.195"/4.95
0.472"/12
-80
-70
-60
-50
-40
-30
-20
-10
0
4500
4700
4900
5100
5300
5500
-40
-30
-20
-10
0
10
20
30
40



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com