Electronic Components Datasheet Search
  English  ▼

X  

CER0528B Datasheet(PDF) 2 Page - CTS Corporation

Part # CER0528B
Description  Surface mount, silver (Ag) coated barium ceramic filter.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0528B Datasheet(HTML) 2 Page - CTS Corporation

  CER0528B Datasheet HTML 1Page - CTS Corporation CER0528B Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CER0528B
2.124 GHz BPF
Document No. 008-0256-0
Page 2 of 2
Rev. X1
- CTS Electronic Components - www.ctscorp.com - 171 Covington Drive - Bloomingdale, IL 60108 -
Mechanical Drawing
Electrical response
PCB Layout
Packaging and Marking
DIMENSION
UNITS SPECIFICATION
REEL DIAMETER
mm
330
REEL WEIGHT
kg
1.6
REEL QUANTITY
ea.
1000
Customer Feed Direction
Dim Nominal (mm)
Tolerance (mm)
+/- or max
A
10.20
Max
B
4.70
Max
C
1.00
0.13
D
0.60
0.13
E
0.60
0.13
F
1.20
0.13
G
7.80
0.13
H
4.10
Max
I
1.00
0.13
J
5.80
Max
K
2.54
0.25
L
7.40
0.25
M
0.55
0.20
Wo
Ao
Bo
Ko
Po
Inches/mm
Inches/mm
Inches/mm
Inches/mm
Inches/mm
0.945"/24
0.217"/5.50 0.406"/10.30 0.169"/4.30 0.472"/12.00
-80
-70
-60
-50
-40
-30
-20
-10
0
1600
1800
2000
2200
2400
2600
-40
-30
-20
-10
0
10
20
30
40
CTS
28B
YWW
Rev 1 - Origin Date: September 10, 2007 – Revision Date: October 30, 2007



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com