Electronic Components Datasheet Search
  English  ▼

X  

CER0601A Datasheet(PDF) 2 Page - CTS Corporation

Part # CER0601A
Description  Surface mount, silver (Ag) coated barium ceramic filter.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0601A Datasheet(HTML) 2 Page - CTS Corporation

  CER0601A Datasheet HTML 1Page - CTS Corporation CER0601A Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CER0601A
Document No. 008-0256-0
Page 2 of 2
Rev. X1
- CTS Electronic Components - www.ctscorp.com – 4800 Alameda Blvd NE – Albuquerque, NM 87113 -
Mechanical Drawing
Electrical response
PCB Layout
Packaging and Marking
DIMENSION
UNITS SPECIFICATION
REEL DIAMETER
mm
REEL WEIGHT
kg
REEL QUANTITY
ea.
Customer Feed Direction
Dim Nominal (mm)
Tolerance (mm)
+/- or max
A
16.41
Max
B
7.90
Max
C
1.00
0.13
D
0.50
0.13
E
0.50
0.13
F
3.80
0.13
G
9.40
0.13
H
4.60
Max
I
1.00
0.13
J
1.00
Max
CTS
602
YWW
Wo
Ao
Bo
Ko
Po
Inches/mm
Inches/mm
Inches/mm
Inches/mm
Inches/mm
1.260"/32.0
0.372"/9.45
0.657"/16.7
0.203"/5.15
0.630"/16.0
942 .5 MHz BPF
Revision B Origin Date: October 29, 2009 – Revision Date: July 26, 2011



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com