Electronic Components Datasheet Search
  English  ▼

X  

80SQ045 Datasheet(PDF) 1 Page - International Rectifier

Part # 80SQ045
Description  SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

80SQ045 Datasheet(HTML) 1 Page - International Rectifier

  80SQ045 Datasheet HTML 1Page - International Rectifier 80SQ045 Datasheet HTML 2Page - International Rectifier 80SQ045 Datasheet HTML 3Page - International Rectifier 80SQ045 Datasheet HTML 4Page - International Rectifier 80SQ045 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dimensions in millimeters and inches
Conforms to JEDEC Outline DO - 204AR
CASE STYLE AND DIMENSIONS
Major Ratings and Characteristics
I
F(AV) Rectangular
8
A
waveform
V
RRM range
35 to 45
V
I
FSM @ tp = 5 µs sine
2400
A
V
F
@8 Apk, T
J = 125°C
0.44
V
T
J
range
- 55 to 175
°C
Characteristics
80SQ...
Units
Description/Features
The 80SQ axial leaded Schottky rectifier series has been
optimized for low reverse leakage at high temperature. The
proprietary barrier technology allows for reliable operation up
to 175°C junction temperature. Typical applications are in
switching power supplies, converters, free-wheeling diodes,
and reverse battery protection.
175° C T
J operation
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
SCHOTTKY RECTIFIER
8 Amp
80SQ... SERIES
Bulletin PD-2.047 rev. E 12/01
1
www.irf.com


Similar Part No. - 80SQ045

ManufacturerPart #DatasheetDescription
logo
International Rectifier
80SQ045 IRF-80SQ045 Datasheet
172Kb / 4P
8 AMP SCHOTTKY POWER RECTIFIERS
logo
Vishay Siliconix
80SQ045 VISHAY-80SQ045 Datasheet
106Kb / 6P
Schottky Rectifier, 8 A
07-Nov-08
logo
New Jersey Semi-Conduct...
80SQ045 NJSEMI-80SQ045 Datasheet
142Kb / 1P
Schottky Rectifiers
logo
SUNMATE electronic Co.,...
80SQ045 SUNMATE-80SQ045 Datasheet
1Mb / 3P
8A Axial Leaded Schottky Rectifier
logo
ON Semiconductor
80SQ045N ONSEMI-80SQ045N Datasheet
61Kb / 4P
Axial Lead Rectifier
May, 2006 ??Rev. 3
More results

Similar Description - 80SQ045

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com