Electronic Components Datasheet Search
  English  ▼

X  

121NQ Datasheet(PDF) 2 Page - International Rectifier

Part # 121NQ
Description  SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

121NQ Datasheet(HTML) 2 Page - International Rectifier

  121NQ Datasheet HTML 1Page - International Rectifier 121NQ Datasheet HTML 2Page - International Rectifier 121NQ Datasheet HTML 3Page - International Rectifier 121NQ Datasheet HTML 4Page - International Rectifier 121NQ Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
121NQ...(R) Series
Bulletin PD-2.249 rev. C 05/02
2
www.irf.com
T
J
Max. Junction Temperature Range
-55 to 175
°C
T
stg
Max. Storage Temperature Range
-55 to 175
°C
R
thJC Max. Thermal Resistance Junction
0.40
°C/W DCoperation
* See Fig. 4
to Case
R
thCS Typical Thermal Resistance, Case to
0.15
°C/W Mounting surface , smooth and greased
Heatsink
wt
Approximate Weight
25.6(0.9) g(oz.)
T
MountingTorque
Min.
40 (35)
Non-lubricatedthreads
Max.
58 (50)
Terminal Torque
Min.
58 (50)
Max.
86 (75)
CaseStyle
HALF PAK Module
Thermal-Mechanical Specifications
Parameters
121NQ Units
Conditions
Kg-cm
(Ibf-in)
V
FM
Max. Forward Voltage Drop
(1)
0.65
V
@ 120A
* See Fig. 1
0.83
V
@ 240A
0.56
V
@ 120A
0.70
V
@ 240A
I
RM
Max. Reverse Leakage Current (1)
10
mA
T
J =
25 °C
* See Fig. 2
90
mA
T
J = 125 °C
C
T
Max. Junction Capacitance
5200
pF
V
R = 5VDC, (test signal range 100Khz to 1Mhz) 25 °C
L
S
Typical Series Inductance
7.0
nH
From top of terminal hole to mounting plane
dv/dt Max. Voltage Rate of Change
10000
V/ µs
(Rated V
R)
T
J =
25 °C
T
J = 125 °C
V
R = rated VR
Parameters
121NQ Units
Conditions
(1) Pulse Width < 300µs, Duty Cycle < 2%
Electrical Specifications
I
F(AV) Max. Average Forward Current
120
A
50% duty cycle @ T
C = 133° C, rectangular wave form
* See Fig. 5
I
FSM
Max.PeakOneCycleNon-Repetitive
19,800
5µs Sine or 3µs Rect. pulse
Surge Current * See Fig. 7
2200
10ms Sine or 6ms Rect. pulse
E
AS
Non-RepetitiveAvalancheEnergy
81
mJ
T
J = 25 °C, IAS = 12 Amps, L = 1.12 mH
I
AR
RepetitiveAvalancheCurrent
12
A
Currentdecayinglinearlytozeroin1µsec
Frequency limited by T
J max. VA = 1.5 x VR typical
Parameters
121NQ Units
Conditions
Absolute Maximum Ratings
A
Part number
121NQ035 121NQ040 121NQ045 121NQ050
V
R
Max. DC Reverse Voltage (V)
V
RWM Max. Working Peak Reverse Voltage (V)
35
40
45
50
Voltage Ratings
Following any rated
load condition and
with rated V
RRM applied



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com