Electronic Components Datasheet Search
  English  ▼

X  

DAC7731EC/1K Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7731EC/1K
Description  16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7731EC/1K Datasheet(HTML) 4 Page - Texas Instruments

  DAC7731EC/1K Datasheet HTML 1Page - Texas Instruments DAC7731EC/1K Datasheet HTML 2Page - Texas Instruments DAC7731EC/1K Datasheet HTML 3Page - Texas Instruments DAC7731EC/1K Datasheet HTML 4Page - Texas Instruments DAC7731EC/1K Datasheet HTML 5Page - Texas Instruments DAC7731EC/1K Datasheet HTML 6Page - Texas Instruments DAC7731EC/1K Datasheet HTML 7Page - Texas Instruments DAC7731EC/1K Datasheet HTML 8Page - Texas Instruments DAC7731EC/1K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
DAC7731
4
SBAS249B
www.ti.com
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNITS
tWH
SCLK HIGH Time
25
ns
tWL
SCLK LOW Time
25
ns
tSDI
Setup Time: Data in valid before rising SCLK
5
ns
tHDI
Hold Time: Data in valid after rising SCLK
20
ns
tSCS
Setup Time: CS falling edge before first rising SCLK
15
ns
tHSC
Hold Time: CS rising edge after 16th rising SCLK
0
ns
tDDO
Delay Time: CS Falling Edge to Data Out valid, CL = 20pF on SDO
50
ns
tHDO
Hold Time: Data Out valid after SCLK rising edge, CL 20pF on SDO
50
ns
tDDOZ
Delay Time: CS rising edge to SDO = High Impedance
70
ns
tWCSH
CS HIGH Time
50
ns
tWLDL
LDAC LOW Time
20
ns
tWLDH
LDAC HIGH Time
20
ns
tSLD
Setup Time: 16th Rising SCLK Before LDAC Rising Edge
15
ns
tDLD
Delay Time: LDAC rising edge to first SCLK rising edge of next
15
ns
transfer cycle.
tSCLK
Setup Time: CS High before falling SCLK edge following 16th
5
ns
rising SCLK edge
tSRS
Setup Time: RSTSEL Valid Before RST LOW
0
ns
tHRS
Hold Time: RSTSEL valid after RST HIGH
20
ns
tWRL
RST LOW Time
30
ns
tS
DAC VOUT Settling Time
5
µs
TIMING CHARACTERISTICS
VCC = +15V, VSS = –15V, VDD = 5V; RL = 2kΩ to AGND; CL = 200pF to AGND; all specifications –40°C to +85°C, unless otherwise noted.
DAC7731
CS
SCLK
SDI
SDO
LDAC
V
OUT
t
SCS
t
HCS
t
WH
t
WL
t
SCLK
t
HDI
t
SDI
t
DDO
t
HDO
t
DDOZ
t
WLDL
t
DLD
t
SLD
t
S
t
WLDH
t
WCSH
12
16
B15
B14
B13
B0
A15
A14
A13
A0
C15
C14
C13
C12
B15
B14
B13
B12
Word B
Word A
Word C
Word B
±0.003% of FSR
Error Bands
RSTSEL
(RSTSEL = LOW)
(RSTSEL = HIGH)
RST
V
OUT
V
OUT
t
SRS
t
HRS
t
WRL
t
S
+FS
+FS
–FS
–FS
Min-Scale
Mid-Scale
INTERFACE TIMING
RESET TIMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com