Electronic Components Datasheet Search
  English  ▼

X  

DDC112 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DDC112
Description  Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DDC112 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DDC112 Datasheet HTML 4Page - Texas Instruments DDC112 Datasheet HTML 5Page - Texas Instruments DDC112 Datasheet HTML 6Page - Texas Instruments DDC112 Datasheet HTML 7Page - Texas Instruments DDC112 Datasheet HTML 8Page - Texas Instruments DDC112 Datasheet HTML 9Page - Texas Instruments DDC112 Datasheet HTML 10Page - Texas Instruments DDC112 Datasheet HTML 11Page - Texas Instruments DDC112 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
DDC112
8
SBAS085B
www.ti.com
THEORY OF OPERATION
The basic operation of the DDC112 is illustrated in Figure 1.
The device contains two identical input channels where each
performs the function of current-to-voltage integration fol-
lowed by a multiplexed analog-to-digital (A/D) conversion.
Each input has two integrators so that the current-to-voltage
integration can be continuous in time. The output of the four
integrators are switched to one delta-sigma (
∆Σ) converter
via a four input multiplexer. With the DDC112 in the continu-
ous integration mode, the output of the integrators from one
side of both of the inputs will be digitized while the other two
integrators are in the integration mode as illustrated in the
timing diagram in Figure 2. This integration and A/D conver-
sion process is controlled by the system clock, CLK. With a
10MHz system clock, the integrator combined with the delta-
sigma converter accomplishes a single 20-bit conversion in
approximately 220
µs. The results from side A and side B of
each signal input are stored in a serial output shift register.
The DVALID output goes LOW when the shift register
contains valid data.
The digital interface of the DDC112 provides the digital
results via a synchronous serial interface consisting of a data
clock (DCLK), a transmit enable pin (DXMIT), a valid data pin
(DVALID), a serial data output pin (DOUT), and a serial data
input pin (DIN). The DDC112 contains only one A/D con-
verter, so the conversion process is interleaved between the
two inputs, as shown in Figure 2. The integration and
conversion process is fundamentally independent of the data
retrieval process. Consequently, the CLK frequency and
DCLK frequencies need not be the same. DIN is only used
when multiple converters are cascaded and should be tied to
DGND otherwise. Depending on TINT, CLK, and DCLK, it is
possible to daisy-chain over 100 converters. This greatly
simplifies the interconnection and routing of the digital out-
puts in cases where a large number of converters are
needed.
Dual
Switched
Integrator
Dual
Switched
Integrator
∆Σ
Modulator
Digital
Filter
Control
Digital
Input/Output
DVALID
DXMIT
DOUT
DIN
DCLK
RANGE2
RANGE1
RANGE0
TEST
CONV
CLK
CAP1A
CAP1A
CAP1B
CAP1B
CAP2A
CAP2A
CAP2B
CAP2B
IN2
IN1
V
REF
DGND
DV
DD
AGND
AV
DD
Input 1
Input 2
IN1, Integrator A
IN1, Integrator B
IN2, Integrator A
IN2, Integrator B
Conversion in Progress
DVALID
IN1B
IN2B
IN1A
Integrate
Integrate
Integrate
Integrate
Integrate
Integrate
Integrate
Integrate
IN2A
IN1B
IN2B
IN1A
IN2A
FIGURE 2. Basic Integration and Conversion Timing for the DDC112 (continuous mode).
FIGURE 1. Block Diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com