Electronic Components Datasheet Search
  English  ▼

X  

DDC112 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DDC112
Description  32-Channel, Current-Input Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DDC112 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DDC112 Datasheet HTML 17Page - Texas Instruments DDC112 Datasheet HTML 18Page - Texas Instruments DDC112 Datasheet HTML 19Page - Texas Instruments DDC112 Datasheet HTML 20Page - Texas Instruments DDC112 Datasheet HTML 21Page - Texas Instruments DDC112 Datasheet HTML 22Page - Texas Instruments DDC112 Datasheet HTML 23Page - Texas Instruments DDC112 Datasheet HTML 24Page - Texas Instruments DDC112 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Sensor
DIN
DOUT
DDC232
Data
Retrieval
Output
Data Clock
DIN
DOUT
DDC232
DIN
DOUT
DDC232
DIN
DOUT
DDC232
CLK
DVALID
DCLK
DIN
t
STDIDC
t
HDDIDC
DOUT
Input
128
MSB
Input
128
MSB
Input
128
LSB
Input
127
MSB
Input3
LSB
Input2
MSB
Input2
LSB
Input1
MSB
Input1
LSB
DDC232
www.ti.com
SBAS331D – AUGUST 2004 – REVISED APRIL 2010
Cascading Multiple Converters
Figure 19 shows the timing diagram when the DIN
input is used to daisy-chain several devices. Table 14
Multiple DDC232 units can be connected in serial
gives the timing specification for data retrieval using
configuration; see Figure 18.
DIN.
DOUT can be used with DIN to daisy-chain multiple
DDC232 devices together to minimize wiring. In this
mode of operation, the serial data output is shifted
through multiple DDC232s; see Figure 18.
Figure 18. Daisy-Chained DDC232s
Figure 19. Timing When Using DDC232 DIN Function; See Figure 18
Table 14. Timing for DDC232 Data Retrieval Using DIN
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tSTDIDC
Set-Up Time from DIN to Falling Edge of DCLK
10
ns
tHDDIDC
Hold Time for DIN After Falling Edge of DCLK
10
ns
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): DDC232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com