Electronic Components Datasheet Search
  English  ▼

X  

DIT4192IPWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DIT4192IPWR
Description  192kHz Digital Audio Transmitter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DIT4192IPWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button DIT4192IPWR Datasheet HTML 2Page - Texas Instruments DIT4192IPWR Datasheet HTML 3Page - Texas Instruments DIT4192IPWR Datasheet HTML 4Page - Texas Instruments DIT4192IPWR Datasheet HTML 5Page - Texas Instruments DIT4192IPWR Datasheet HTML 6Page - Texas Instruments DIT4192IPWR Datasheet HTML 7Page - Texas Instruments DIT4192IPWR Datasheet HTML 8Page - Texas Instruments DIT4192IPWR Datasheet HTML 9Page - Texas Instruments DIT4192IPWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
DIT4192
6
SBOS229B
www.ti.com
MASTER CLOCK
The DIT4192 requires a master clock for operation. This
clock must be supplied at the MCLK input (pin 6). The
maximum master clock frequency that may be supplied to
MCLK is 25MHz. Table I shows master clock rates for
common input sampling frequencies.
RESET AND POWER-DOWN
OPERATION
The DIT4192 includes a reset input, RST (pin 15), which is
used to force a reset sequence. When the DIT4192 is first
powered up, the user must assert RST low in order to start
the reset sequence. The RST input must be low for a
minimum of 500ns. The RST input is then forced high to
enable normal operation. For software mode, the reset se-
quence will force all internal registers to their default settings.
In addition, the reset sequence will force all channel status
bits to 0 in Software mode.
While the RST input is low, the transmitter outputs,
TX– (pin 17) and TX+ (pin 18), are forced to ground.
Upon setting RST high, the TX– and TX+ outputs will remain
low until the rising edge of the SYNC clock is detected at
pin 12. Once this occurs, the TX– and TX+ outputs will
become active and be driven by the output of the AES-3
encoder.
In Software mode, the DIT4192 also includes software reset
and power-down bits, located in control register 02H. The
software reset bit, RST, and the software power-down bit,
PDN, are both active high.
AUDIO SERIAL PORT
The audio serial port is a 3-wire interface used to connect the
DIT4192 to an audio source, such as an A/D converter or
DSP. The port supports sampling frequencies up to 192kHz.
The port signals include SDATA (pin 13), SYNC (pin 12), and
SCLK (pin 11). The SDATA pin is the serial data input for the
port. The SCLK pin may be either an input or output, and is
used to clock serial data into the port. The SYNC pin may be
either an input or output, and provides the frame synchroni-
FIGURE 3. AES-3 Frame Format.
MASTER CLOCK FREQUENCY (MHz)
128 • fS
256 • fS
384 • fS
512 • fS
SAMPLING
FREQUENCY (kHz)
22.05
n/a
5.6448
8.4672
11.2896
24
n/a
6.144
9.216
12.288
32
n/a
8.192
12.288
16.384
44.1
n/a
11.2896
16.9344
22.5792
48
n/a
12.288
18.432
24.576
88.2
n/a
22.5792
n/a
n/a
96
n/a
24.576
n/a
n/a
176.4
22.5792
n/a
n/a
n/a
192
24.576
n/a
n/a
n/a
TABLE I. Master Clock Frequencies for Common Sampling
Rates.
CONTROL BITS OR INPUT PINS
CLK1
CLK0
MASTER CLOCK (MCLK) SELECTION
0
0
128 • fS
0
1
256 • fS
1
0
384 • fS
1
1
512 • fS
TABLE II. Master Clock Rate Selection for Software and
Hardware Modes.
For Software mode, the master clock frequency selection is
programmed using the CLK0 and CLK1 bits in Control
Register 02H. For Hardware mode, the CLK0 (pin 5) and
CLK1 (pin 4) inputs are used to select the master clock
frequency. Table II shows the available MCLK frequency
selections.
Channel A
X
XY
Y
Z
Channel A
Channel A
Channel B
Channel B
Channel B
Frame 191
Frame 0
Frame 1
Start of Channel Status Block
One Sub-Frame
Preamble
Aux Data
LSB
MSB
V U C P
27 28 29 30 31
Audio Data
Validity Data
User Data
Parity Bit
Channel Status Data
Bits: 0
3 4
7 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com