Electronic Components Datasheet Search
  English  ▼

X  

DP83847 Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83847
Description  DsPHYTER II ??Single 10/100 Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83847 Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button DP83847 Datasheet HTML 22Page - National Semiconductor (TI) DP83847 Datasheet HTML 23Page - National Semiconductor (TI) DP83847 Datasheet HTML 24Page - National Semiconductor (TI) DP83847 Datasheet HTML 25Page - National Semiconductor (TI) DP83847 Datasheet HTML 26Page - National Semiconductor (TI) DP83847 Datasheet HTML 27Page - National Semiconductor (TI) DP83847 Datasheet HTML 28Page - National Semiconductor (TI) DP83847 Datasheet HTML 29Page - National Semiconductor (TI) DP83847 Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
26
www.national.com
3.7 Crystal Oscillator Circuit
The DsPHYTER II supports an external CMOS level oscil-
lator source or a crystal resonator device. If an external
clock source is used, X1 should be tied to the clock source
and X2 should be left floating. In either case, the clock
source must be a 25 MHz 0.005% (50 PPM) CMOS oscilla-
tor or a 25 MHz (50 PPM), parallel, 20 pF load crystal reso-
nator. Figure 10 below shows a typical connection for a
crystal resonator circuit. The load capacitor values will vary
with the crystal vendors; check with the vendor for the rec-
ommended loads.
The oscillator circuit was designed to drive a parallel reso-
nance AT cut crystal with a minimum drive level of 500
µW
and a maximum of 1mW. If a crystal is specified for a lower
drive level, a current limiting resistor should be placed in
series between X2 and the crystal.
As a starting point for evaluating an oscillator circuit, if the
requirements for the crystal are not known, CL1 and CL2
should be set at 22 pF, and R1 should be set at 0Ω.
3.8 Reference Bypass Couple
To ensure correct operation for the DP83847, parallel caps
with values of 10
µF (Tantalum preferred) and .1 µF should
be placed close to pin 42 (C1) of the device. See Figure 11
below for proper use of caps.
Figure 11. Reference Bypass Couple
4.0 Reset Operation
The DP83847 can be reset either by hardware or software.
A hardware reset may be accomplished by asserting the
RESET pin after powering up the device (this is required)
or during normal operation when a reset is needed. A soft-
ware reset is accomplished by setting the reset bit in the
Basic Mode Control register.
While either the hardware or software reset can be imple-
mented at any time after device initialization, a hardware
reset, as described in Section 4.1 must be provided upon
device power-up/initialization. Omitting the hardware reset
operation
during
the
device
power-up/initialization
sequence can result in improper device operation.
4.1 Hardware Reset
A hardware reset is accomplished by applying a low pulse
(TTL level), with a duration of at least 160
µs, to the
RESET pin during normal operation. This will reset the
device such that all registers will be reset to default values
and the hardware configuration values will be re-latched
into the device (similar to the power-up/reset operation).
4.2 Software Reset
A software reset is accomplished by setting the reset bit
(bit 15) of the Basic Mode Control Register (BMCR). The
period from the point in time when the reset bit is set to the
point in time when software reset has concluded is approx-
imately 160
µs.
The software reset will reset the device such that all regis-
ters will be reset to default values and the hardware config-
uration values will be re-latched into the device (similar to
the power-up/reset operation). Software driver code should
wait 500
µs following a software reset before allowing fur-
ther serial MII operations with the DP83847.
Figure 10. Crystal Oscillator Circuit
X1
X2
CL2
CL1
R1
.1
µF
10
µF
Pin 42 (C1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com