Electronic Components Datasheet Search
  English  ▼

X  

DM54161 Datasheet(PDF) 8 Page - Texas Instruments

Part # DM54161
Description  Synchronous 4-Bit Counters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM54161 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DM54161 Datasheet HTML 4Page - Texas Instruments DM54161 Datasheet HTML 5Page - Texas Instruments DM54161 Datasheet HTML 6Page - Texas Instruments DM54161 Datasheet HTML 7Page - Texas Instruments DM54161 Datasheet HTML 8Page - Texas Instruments DM54161 Datasheet HTML 9Page - Texas Instruments DM54161 Datasheet HTML 10Page - Texas Instruments DM54161 Datasheet HTML 11Page - Texas Instruments DM54161 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Parameter Measurement Information
Switching Time Waveforms
TLF6551 – 6
Note A
The input pulses are supplied by generators having the following characteristics PRR s 1 MHz duty cycle s 50% ZOUT
50X For 161 and 163
tr s 10 ns tf s 10 ns Vary PRR to measure fMAX
Note B
Outputs QD and carry are tested at tna16 for 161 163 where tn is the bit time when all outputs are low
Note C
For 161 and 163 VREF e 15V
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com