| Electronic Components Datasheet Search |
|
DM9312N Datasheet(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DM9312N Datasheet(HTML) 2 Page - Texas Instruments |
|
2 / 8 page ![]() TLF6605 June 1989 9312DM9312 One of Eight Line Data SelectorsMultiplexers General Description These data selectorsmultiplexers contain inverterdrivers to supply full complementary on-chip binary decoded data selection The 9312 is a single 8-bit multiplexer with complementary outputs and a strobe control When the strobe is low the function is enabled When a high logic level is applied to the strobe the output is forced to the logic zero state regardless of the logic level of the data inputs Features Y Selects one-of-eight data sources Y Performs parallel to serial conversion Y Strobe controlled outputs Y Complementary outputs Connection Diagram Dual-In-Line Package TLF6605 – 1 Order Number 9312DMQB 9312FMQB or DM9312N See NS Package Number J16A N16E or W16A Function Table Inputs Outputs Select Strobe YY CBA G XXX H L H LLL L D0 D0 L L H L D1 D1 LHL L D2 D2 L H H L D3 D3 H L L L D4 D4 HLH L D5 D5 H H L L D6 D6 HHH L D7 D7 H e High Level L e Low Level X e Don’t Care D0 D1 D7 e The level of the respective D input C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |