Electronic Components Datasheet Search
  English  ▼

X  

V62/12615-01XE-R Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # V62/12615-01XE-R
Description  PHYTER MILITARY TEMPERATURE SINGLE PORT 10/100 MB/S ETHERNET PHYSICAL LAYER TRANSCEIVER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/12615-01XE-R Datasheet(HTML) 7 Page - Texas Instruments

Back Button V62/12615-01XE-R Datasheet HTML 3Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 4Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 5Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 6Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 7Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 8Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 9Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 10Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 92 page
background image
DP83848-EP
www.ti.com
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
PHYTER™ MILITARY TEMPERATURE SINGLE PORT 10/100 MB/S ETHERNET PHYSICAL
LAYER TRANSCEIVER
Check for Samples: DP83848-EP
1
INTRODUCTION
1.1
Features
12
• Low-Power 3.3-V, 0.18-
μm CMOS Technology
• Low Power Consumption < 270 mW Typical
• 3.3-V MAC Interface
• Auto-MDIX for 10/100 Mb/s
• Energy Detection Mode
• 25-MHz Clock Out
• SNI Interface (Configurable)
• RMII Rev. 1.2 Interface (Configurable)
• MII Serial Management Interface (MDC and MDIO)
• IEEE 802.3u MII
• IEEE 802.3u Auto-Negotiation and Parallel Detection
• IEEE 802.3u ENDEC, 10BASE-T Transceivers and Filters
• IEEE 802.3u PCS, 100BASE-TX Transceivers and Filters
• IEEE 1149.1 JTAG
• Integrated ANSI X3.263 Compliant TP-PMD Physical Sublayer with Adaptive Equalization and Baseline
Wander Compensation
• Error-Free Operation up to 150 meters
• Programmable LED Support Link, 10 /100 Mb/s Mode, Activity, and Collision Detect
• Single Register Access for Complete PHY Status
• 10/100 Mb/s Packet BIST (Built in Self Test)
• Lead Free 48-Pin PQFP Package (7mm) x (7mm)
1.2
Applications
•
Automotive and Transportation
•
Industrial Controls and Factory Automation
•
General Embedded Applications
1.3
Supports Defense, Aerospace, and Medical Applications
•
Controlled Baseline
•
One Assembly and Test Site
•
One Fabrication Site
•
Military Temperature Range (-55°C to 125°C)
•
Extended Product Life Cycle
•
Extended Product-Change Notification
•
Product Traceability
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PHYTER is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2012–2013, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com