Electronic Components Datasheet Search
  English  ▼

X  

DM9338 Datasheet(PDF) 4 Page - Texas Instruments

Part # DM9338
Description  9338/DM9338 8-Bit Multiple Port Register
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM9338 Datasheet(HTML) 4 Page - Texas Instruments

  DM9338 Datasheet HTML 1Page - Texas Instruments DM9338 Datasheet HTML 2Page - Texas Instruments DM9338 Datasheet HTML 3Page - Texas Instruments DM9338 Datasheet HTML 4Page - Texas Instruments DM9338 Datasheet HTML 5Page - Texas Instruments DM9338 Datasheet HTML 6Page - Texas Instruments DM9338 Datasheet HTML 7Page - Texas Instruments DM9338 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Switching Characteristics
VCC ea50V TA ea25 C (See Section 1 for waveforms and load configurations)
CL e 15 pF
Symbol
Parameter
9338 (MIL)
DM9338 (COM)
Units
Min
Max
Min
Max
tPLH
Propagation Delay
40
13
40
ns
tPHL
Bn or Cn to Zn
35
18
35
tPLH
Propagation Delay
45
25
45
ns
tPHL
DA to Zn
50
25
50
tPLH
Propagation Delay
35
18
35
ns
tPHL
CP to Zn
30
13
30
Functional Description
The 9338 8-bit multiple port register can be considered a 1-
bit slice of eight high speed working registers Data can be
written into any one and read from any two of the eight
locations simultaneously Masterslave operation eliminates
all race problems associated with simultaneous readwrite
activity from the same location When the clock input (CP) is
LOW data applied to the data input line (DA) enters the
selected master This selection is accomplished by coding
the three write input select lines (A0 – A2) appropriately
Data is stored synchronously with the rising edge of the
clock pulse
The information for each of the two slaved (output) latches
is selected by two sets of read address inputs (B0 – B2 and
C0 – C2) The information enters the slave while the clock is
HIGH and is stored while the clock is LOW If Slave Enable
is LOW (SLE) the slave latches are continuously enabled
The signals are available on the output pins (ZB and ZC)
The input bit selection and the two output bit selections can
be accomplished independently or simultaneously The data
flows into the device is demultiplexed according to the state
of the write address lines and is clocked into the selected
latch The eight latches function as masters and store the
input data The two output latches are slaves and hold the
data during the read operation The state of each slave is
determined by the state of the master selected by its associ-
ated set of read address inputs
The method of parallel expansion is shown in
Figure a One
9338 is needed for each bit of the required word length The
read and write input lines should be connected in common
on all of the devices This register configuration provides
two words of n-bits each at one time where n devices are
connected in parallel
Logic Symbol
TLF9794 – 2
VCC e Pin 16
GND e Pin 8
TLF9794 – 4
FIGURE a Parallel Expansion
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com