Electronic Components Datasheet Search
  English  ▼

X  

DAC7641Y Datasheet(PDF) 2 Page - Texas Instruments

Part # DAC7641Y
Description  16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7641Y Datasheet(HTML) 2 Page - Texas Instruments

  DAC7641Y Datasheet HTML 1Page - Texas Instruments DAC7641Y Datasheet HTML 2Page - Texas Instruments DAC7641Y Datasheet HTML 3Page - Texas Instruments DAC7641Y Datasheet HTML 4Page - Texas Instruments DAC7641Y Datasheet HTML 5Page - Texas Instruments DAC7641Y Datasheet HTML 6Page - Texas Instruments DAC7641Y Datasheet HTML 7Page - Texas Instruments DAC7641Y Datasheet HTML 8Page - Texas Instruments DAC7641Y Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
®
DAC7641
DAC7641Y
DAC7641YB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ACCURACY
Linearity Error
±3
±4
±2
±3
LSB
Differential Linearity Error
±2
±3
±1
±2
LSB
Monotonicity, TMIN to TMAX
14
15
Bits
Bipolar Zero Error
±1
±3
TT
mV
Bipolar Zero Error Drift
5
10
TT
ppm/
°C
Full-Scale Error
±1
±3
TT
mV
Full-Scale Error Drift
5
10
TT
ppm/
°C
Power Supply Rejection Ratio (PSRR)
At Full Scale
10
100
TT
ppm/V
ANALOG OUTPUT
Voltage Output
VREF = –2.5V, RL = 10kΩ, VSS = –5V
VREFLVREFH
TT
V
Output Current
–1.25
+1.25
TT
mA
Maximum Load Capacitance
No Oscillation
500
T
pF
Short-Circuit Current
–10, +30
T
mA
Short-Circuit Duration
GND or VCC or VSS
Indefinite
T
REFERENCE INPUT
Ref High Input Voltage Range
VREFL + 1.25
+2.5
TT
V
Ref Low Input Voltage Range
–2.5
VREFH – 1.25
TT
V
Ref High Input Current
500
T
µA
Ref Low Input Current
–500
T
µA
DYNAMIC PERFORMANCE
Settling Time
To
±0.003%, 5V Output Step
8
10
TT
µs
Digital Feedthrough
2
T
nV-s
Output Noise Voltage
f = 10kHz
60
T
nV/
√Hz
DAC Glitch
7FFFH to 8000H or 8000H to 7FFFH
40
T
nV-s
DIGITAL INPUT
VIH
0.7 • VDD
T
V
VIL
0.3 • VDD
T
V
IIH
±10
T
µA
IIL
±10
T
µA
DIGITAL OUTPUT
VOH
IOH = –0.8mA
3.6
4.5
TT
V
VOL
IOL = 1.2mA
0.3
0.4
TT
V
POWER SUPPLY
VDD
+4.75
+5.0
+5.25
TTT
V
VCC
+4.75
+5.0
+5.25
TTT
V
VSS
–5.25
–5.0
–4.75
TTT
V
ICC
0.4
0.5
TT
mA
IDD
15
T
µA
ISS
–0.6
–0.5
–0.4
TT
mA
Power
4
5.5
TT
mW
TEMPERATURE RANGE
Specified Performance
–40
+85
TT
°C
T Specifications same as DAC7641Y.
SPECIFICATIONS (Dual Supply)
At TA = TMIN to TMAX, VDD = VCC = +5V, VSS = –5V, VREFH = +2.5V, and VREFL = –2.5V, unless otherwise noted.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com