Electronic Components Datasheet Search
  English  ▼

X  

OPA277 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA277
Description  12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA277 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA277 Datasheet HTML 7Page - Texas Instruments OPA277 Datasheet HTML 8Page - Texas Instruments OPA277 Datasheet HTML 9Page - Texas Instruments OPA277 Datasheet HTML 10Page - Texas Instruments OPA277 Datasheet HTML 11Page - Texas Instruments OPA277 Datasheet HTML 12Page - Texas Instruments OPA277 Datasheet HTML 13Page - Texas Instruments OPA277 Datasheet HTML 14Page - Texas Instruments OPA277 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
www.ti.com
Serial Interface
Input Shift Register
DAC7811
SBAS337C – APRIL 2005 – REVISED JULY 2007
Theory of Operation (continued)
Table 1. Control Logic Truth Table(1)
CLK
SYNC
SERIAL SHIFT REGISTER
DAC REGISTER
X
H
No effect
Latched
↓–
L
Shift register data advanced one bit
Latched
In daisy-chain mode, the function as determined by
In daisy-chain mode, the contents may change as
X
↑+
C3-C0 is executed.
determined by C3-C0.
(1)
↓– Negative logic transition, default CLK mode;↑+ Positive logic transition; X = Do not care.
The DAC7811 has a 3-wire serial interface (SYNC, SCLK, and SDIN), which is compatible with SPI, QSPI, and
MICROWIRE interface standards as well as most Digital Signal Processor (DSP) devices. See the Serial Write
Operation timing diagram (Figure 28) for an example of a typical write sequence. The write sequence begins by
bringing the SYNC line low. Data from the DIN line are clocked into the 16-bit shift register on the falling edge of
SCLK. The serial clock frequency can be as high as 50MHz, making the DAC7811 compatible with high-speed
DSPs. The SDIN and SCLK input buffers are gated off while SYNC is high which minimizes the power
dissipation of the digital interface. After SYNC goes low, the digital interface will respond to the SDIN and SCLK
input signals and data can now be shifted into the device. If an inactive clock edge occurs after SYNC goes low,
but before the first active clock edge, it will be ignored. If the SDO pin is being used then SYNC must remain low
until after the inactive clock edge that follows the 16th active clock edge.
The input shift register is 16 bits wide, as shown in Figure 27. The four MSBs are the control bits C3–C0; these
bits determine which function will be executed at the rising edge of SYNC in daisy-chain mode or the 16th active
clock edge in stand-alone mode. The remaining 12 bits are the data bits. On a load and update command
(C3–C0 = 0001) these 12 data bits will be transferred to the DAC register; otherwise, they have no effect.
4 CONTROL BITS
12 DATA BITS
B15
B0
(MSB)
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
(LSB)
C3
C2
C1
C0
DB11
DB0
Figure 27. Contents of the 16-Bit Input Shift Register
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com