Electronic Components Datasheet Search
  English  ▼

X  

OPA348 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA348
Description  Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA348 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA348 Datasheet HTML 7Page - Texas Instruments OPA348 Datasheet HTML 8Page - Texas Instruments OPA348 Datasheet HTML 9Page - Texas Instruments OPA348 Datasheet HTML 10Page - Texas Instruments OPA348 Datasheet HTML 11Page - Texas Instruments OPA348 Datasheet HTML 12Page - Texas Instruments OPA348 Datasheet HTML 13Page - Texas Instruments OPA348 Datasheet HTML 14Page - Texas Instruments OPA348 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
www.ti.com
Channel B
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
0
512
1024
1536
2048
2560
3072
3584
4096
DigitalInputCode
T
A =+25°C
V
=+10V
REF
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
0
512
1024
1536
2048
2560
3072
3584
4096
DigitalInputCode
T
A =+25°C
V
=+10V
REF
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
0
512
1024
1536
2048
2560
3072
3584
4096
DigitalInputCode
T
A =
°
-40 C
V
=+10V
REF
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
0
512
1024
1536
2048
2560
3072
3584
4096
DigitalInputCode
T
40
-
A =
°C
V
=+10V
REF
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
0
512
1024
1536
2048
2560
3072
3584
4096
DigitalInputCode
T =+125 C
°
A
V
=+10V
REF
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
0
512
1024
1536
2048
2560
3072
3584
4096
DigitalInputCode
T =+125 C
°
A
V
=+10V
REF
DAC7822
SBAS374A – JUNE 2006 – REVISED JULY 2007
TYPICAL CHARACTERISTICS: VDD = +2.5V (continued)
At TA = +25°C, +VDD = +2.5V, unless otherwise noted.
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE
vs DIGITAL INPUT CODE
Figure 27.
Figure 28.
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE
vs DIGITAL INPUT CODE
Figure 29.
Figure 30.
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE
vs DIGITAL INPUT CODE
Figure 31.
Figure 32.
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com