Electronic Components Datasheet Search
  English  ▼

X  

DP83850CVF Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83850CVF
Description  100 Mb/s TX/T4 Repeater Interface Controller (100RIC??
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83850CVF Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button DP83850CVF Datasheet HTML 16Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 17Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 18Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 19Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 20Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 21Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 22Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 23Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
4.0 Registers (Continued)
20
www.national.com
4.10 Hub ID 1 Register (HUBID1)
4.11 Port Management Counter Registers
Each of the 12 ports of the DP83850C has a set of 4 event
counters whose values can be read or pre-set (written)
through the Port Management Counter Registers. Ports 0
through 5 have their registers in register page 0 and ports 6
through 11 in register page 1.
All counters will rollover to zero after reaching their maxi-
mum count: they are not "sticky". There is no interrupt on
reaching maximum count, so the management software
must ensure the registers are polled often enough so as
not to rollover twice; management software can deduce a
single rollover as long as the counter has not yet reached
the previously read value (a simple compare). It is safest
for the management software to guarantee to check all
counters at least once per possible rollover time. All
counters are cleared to zero at power-on and/or reset
(/RST asserted).
The Short Event, Late Event and Collision Counters are
32-bits long. Since the corresponding Counter Registers
are only 16-bits, the DP83850C has to internally multiplex
the counter value into two 16-bit values that the manage-
ment software must then concatenate to form the full 32-bit
value. Some restrictions apply to the access of the counter
registers:
1. A 32-bit counter must be read as two consecutive 16-
bit accesses. Upon the first access, the DP83850 plac-
es the full 32-bit counter value in a holding register,
from where it transfers the upper 16 bits first. The sec-
ond access reads the lower 16 bits of the counter. If
there is any access to another register in between the
counter reads, the concatenated value of the counter
will be invalid (the DP83850C's internal multiplexer will
reset).
2. For the same reason, a 32-bit counter must be written
as two consecutive 16-bit accesses.
3. All counters are cleared by writing 0000 0000h to them.
The counter value is unaffected by read accesses.
4. The counters should only be written to when they are
disabled. This is done by deasserting the MGTEN bit in
the CONFIG register.
4.11.1 Short Event Counter Registers
Per port ('n' = port number) counters that indicate the num-
ber of Carrier Events that were active for less than the
ShortEventMaxTime, which is defined as between 74 and
82 (76 nominal) bit times.
4.11.2 Late Event Counter Registers
Per port ('n' = port number) counters that indicate the num-
ber of collisions that occurred after the LateEventThresh-
old, which is defined to be 480 to 565 bit times (512
nominal). Both the Late Event and Collision Counters will
be incremented when this event occurs.
4.11.3 Collision Counter Registers
Per port ('n' = port number) counters that indicate the num-
ber of collisions (COL asserted).
4.11.4 Auto-Partition Counter Registers
Per port ('n' = port number) counters that indicate the num-
ber of times the port was auto-partitioned.
4.12 Silicon Revision Register (SIREV)
Page 0
Address 7h
Bit
Bit Name
Access
Bit Description
D15 - D0 HUB_ID1[15:0]
r/w
Hub ID 1: Contains the second 16 bits read from the EEPROM. The first bit read will
be written to HUB_ID1[0]; the last bit read to HUB_ID1[15].
Bit
Access
Bit Description
D15 - D0
r/w
First access - most significant word of
P'n'_SE
Second access - least significant word
of P'n'_SE
Bit
Access
Bit Description
D15 - D0
r/w
First access - most significant word of
P'n'_LE
Second access - least significant word
of P'n'_LE
Bit
Access
Bit Description
D15 - D0
r/w
First access - most significant word of
P'n'_COL
Second access - least significant word
of P'n'_COL
Bit
Access
Bit Description
D15 - D0
r/w
P'n'_PART
Page 1
Address 4h
Bit
Bit Name
Access
Bit Description
D15 - D0 SI_REV[15:0]
read
only
Silicon revision - currently reads all 0's.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com