Electronic Components Datasheet Search
  English  ▼

X  

CDC203 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDC203
Description  3.3-V HEX INVERTER/CLOCK DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC203 Datasheet(HTML) 1 Page - Texas Instruments

  CDC203 Datasheet HTML 1Page - Texas Instruments CDC203 Datasheet HTML 2Page - Texas Instruments CDC203 Datasheet HTML 3Page - Texas Instruments CDC203 Datasheet HTML 4Page - Texas Instruments CDC203 Datasheet HTML 5Page - Texas Instruments CDC203 Datasheet HTML 6Page - Texas Instruments CDC203 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CDC203
3.3-V HEX INVERTER/CLOCK DRIVER
SCAS324A – OCTOBER 1989 – REVISED NOVEMBER 1995
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Replaces 74AC11203
D Low-Skew Propagation Delay
Specifications for Clock Driver
Applications
D Operates at 3.3-V VCC
D Flow-Through Architecture Optimizes
PCB Layout
D Center-Pin VCC and GND Pin
Configurations Minimize High-Speed
Switching Noise
D EPIC (Enhanced-Performance Implanted
CMOS) 1-
µm Process
D 500-mA Typical Latch-Up Immunity
at 125
°C
D Packaged in Plastic Small-Outline Package
description
The CDC203 contains six independent inverters. The device performs the Boolean function Y = A. It is designed
specifically for applications requiring low skew between switching outputs.
The CDC203 is characterized for operation from 25
°C to 70°C.
FUNCTION TABLE
INPUT
A
OUTPUT
Y
H
L
L
H
logic symbol†
logic diagram (positive logic)
1A
20
20
1A
1Y
1
19
2A
2Y
2
18
3A
3Y
3
13
4A
4Y
8
12
5A
5Y
9
11
6A
6Y
10
1
1Y
1
2A
19
2Y
2
3A
18
3Y
3
4A
13
4Y
8
5A
12
5Y
9
6A
11
6Y
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
10
Copyright
 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC is a trademark of Texas Instruments Incorporated.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1Y
2Y
3Y
GND
GND
GND
GND
4Y
5Y
6Y
1A
2A
3A
NC
VCC
VCC
NC
4A
5A
6A
DW PACKAGE
(TOP VIEW)
NC – No internal connection


Similar Part No. - CDC203

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC203 TI-CDC203 Datasheet
89Kb / 6P
3.3-V HEX INVERTER/CLOCK DRIVER
CDC203 TI2-CDC203 Datasheet
171Kb / 8P
3.3-V HEX INVERTER/CLOCK DRIVER
REVISED NOVEMBER 1995
CDC203DW TI-CDC203DW Datasheet
89Kb / 6P
3.3-V HEX INVERTER/CLOCK DRIVER
CDC203DW TI2-CDC203DW Datasheet
171Kb / 8P
3.3-V HEX INVERTER/CLOCK DRIVER
REVISED NOVEMBER 1995
CDC203DW.A TI2-CDC203DW.A Datasheet
171Kb / 8P
3.3-V HEX INVERTER/CLOCK DRIVER
REVISED NOVEMBER 1995
More results

Similar Description - CDC203

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC203 TI-CDC203 Datasheet
89Kb / 6P
3.3-V HEX INVERTER/CLOCK DRIVER
CDC204 TI-CDC204 Datasheet
105Kb / 7P
HEX INVERTER/CLOCK DRIVER
logo
NXP Semiconductors
74LVT14 NXP-74LVT14 Datasheet
97Kb / 13P
3.3 V hex inverter Schmitt trigger
Rev. 02-25 April 2008
logo
Texas Instruments
CDCVF2505 TI1-CDCVF2505_12 Datasheet
549Kb / 14P
3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
logo
NXP Semiconductors
74LVT04 PHILIPS-74LVT04_15 Datasheet
131Kb / 13P
3.3 V Hex inverter
Rev. 2-28 April 2014
74LVT14 PHILIPS-74LVT14_15 Datasheet
97Kb / 13P
3.3 V hex inverter Schmitt trigger
Rev. 02-25 April 2008
logo
Texas Instruments
CDC204_15 TI-CDC204_15_15 Datasheet
280Kb / 10P
HEX INVERTER/CLOCK DRIVER
logo
Nexperia B.V. All right...
74LVT04-Q100 NEXPERIA-74LVT04-Q100 Datasheet
714Kb / 13P
3.3 V Hex inverter
74LVT04 NEXPERIA-74LVT04 Datasheet
211Kb / 10P
3.3 V Hex inverter
Rev. 4 - 12 August 2021
74LVT14 NEXPERIA-74LVT14 Datasheet
235Kb / 13P
3.3 V hex inverter Schmitt trigger
Rev. 4 - 28 July 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com