Electronic Components Datasheet Search
  English  ▼

X  

CDC5801A Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CDC5801A
Description  Low Jitter Clock Multiplier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC5801A Datasheet(HTML) 13 Page - Texas Instruments

Back Button CDC5801A Datasheet HTML 9Page - Texas Instruments CDC5801A Datasheet HTML 10Page - Texas Instruments CDC5801A Datasheet HTML 11Page - Texas Instruments CDC5801A Datasheet HTML 12Page - Texas Instruments CDC5801A Datasheet HTML 13Page - Texas Instruments CDC5801A Datasheet HTML 14Page - Texas Instruments CDC5801A Datasheet HTML 15Page - Texas Instruments CDC5801A Datasheet HTML 16Page - Texas Instruments CDC5801A Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
CDC5801A
LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH
PROGRAMMABLE DELAY AND PHASE ALIGNMENT
SCAS813A − AUGUST 2005 − REVISED DECEMBER 2005
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
19.44 MHz
P0
P1
VDDO
GNDO
CLKOUT
NC
CLKOUTB
GNDO
VDDO
MULT0/DIV0
MULT1/DIV1
P2
VDDREF
REFCLK
VDDP
GNDP
GND
LEADLAG
DLYCTRL
GNDPA
VDDPA
VDDPD
STOPB
PWRDNB
CDC5801
A
Z = 50
Ω
CDCVF2310
Clock Buffer
CLK
CDCVF2310
Clock Buffer
CLK
3.3 V
3.3 V
20 R
3.3 V
Z = 50
Ω ; Length = L1
Z = 50
Ω ; Length = L1
Z = 50
Ω
3.3 V
3.3 V
3.3 V
Outputs are Phase Aligned
Between the Two Buffers
Figure 9. Using the CDC5801A Device as a Multiplier by 8 and Aligning Two Different Clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com