Electronic Components Datasheet Search
  English  ▼

X  

ACD2206 Datasheet(PDF) 7 Page - ANADIGICS, Inc

Part # ACD2206
Description  CATV/TV/VIDEO DOWNCONVERTER WITH DUAL SYNTHESIZER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACD2206 Datasheet(HTML) 7 Page - ANADIGICS, Inc

Back Button ACD2206 Datasheet HTML 3Page - ANADIGICS, Inc ACD2206 Datasheet HTML 4Page - ANADIGICS, Inc ACD2206 Datasheet HTML 5Page - ANADIGICS, Inc ACD2206 Datasheet HTML 6Page - ANADIGICS, Inc ACD2206 Datasheet HTML 7Page - ANADIGICS, Inc ACD2206 Datasheet HTML 8Page - ANADIGICS, Inc ACD2206 Datasheet HTML 9Page - ANADIGICS, Inc ACD2206 Datasheet HTML 10Page - ANADIGICS, Inc ACD2206 Datasheet HTML 11Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
PRELIMINARY DATA SHEET - Rev 1.0
10/2003
7
ACD2206
PERFORMANCE DATA
Figure 5: Typical Upconverter Prescalar
Sensitivity vs. Supply Voltage
(TA = +25 °C, fLO1 = 2100 MHz)
Figure 6: Typical Upconverter Prescalar
Sensitivity vs. Local Oscillator Frequency
(TA = +25 °C, VDD = +5 V)
Figure 8: Typical Downconverter Prescalar
Sensitivity vs. Local Oscillator Frequency
(TA = +25 °C, VDD = +5 V)
Figure 7: Typical Downconverter Prescalar
Sensitivity vs. Supply Voltage
(TA = +25 °C, fLO2 = 1000 MHz)
Figure 9: Typical Local Oscillator
Output Power vs. Supply Voltage
(TA = +25 °C, fLO2 = 1042 MHz)
-9.0
-8.5
-8.0
-7.5
-7.0
4.7
4.8
4.9
5.0
5.1
5.2
5.3
Supply Voltage (V)
-35
-30
-25
-20
-15
-10
-5
500
700
900
1100
1300
1500
1700
1900
2100
LO1 Frequency (MHz)
-18.0
-17.5
-17.0
-16.5
-16.0
4.7
4.8
4.9
5.0
5.1
5.2
5.3
Supply Voltage (V)
-24
-22
-20
-18
-16
-14
-12
400
600
800
1000
1200
1400
LO2 Frequency (MHz)
-7.0
-6.5
-6.0
-5.5
-5.0
-4.5
4.7
4.8
4.9
5.0
5.1
5.2
5.3
Supply Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com