Electronic Components Datasheet Search
  English  ▼

X  

10ETF12STLR Datasheet(PDF) 1 Page - International Rectifier

Part # 10ETF12STLR
Description  FAST SOFT RECOVERY RECTIFIER DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10ETF12STLR Datasheet(HTML) 1 Page - International Rectifier

  10ETF12STLR Datasheet HTML 1Page - International Rectifier 10ETF12STLR Datasheet HTML 2Page - International Rectifier 10ETF12STLR Datasheet HTML 3Page - International Rectifier 10ETF12STLR Datasheet HTML 4Page - International Rectifier 10ETF12STLR Datasheet HTML 5Page - International Rectifier 10ETF12STLR Datasheet HTML 6Page - International Rectifier 10ETF12STLR Datasheet HTML 7Page - International Rectifier 10ETF12STLR Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
I
F(AV)
Sinusoidalwaveform
10
A
V
RRM
range
200to 600
V
I
FSM
150
A
V
F
@10 A, T
J
= 25°C
1.2
V
t
rr
@ 1A, 100A/µs
50
ns
T
J
range
-40to150
°C
Major Ratings and Characteristics
Characteristics
10ETF..S
Units
Description/Features
The 10ETF..S fast soft recovery QUIET
IR rectifier
series has been optimized for combined short
reverse recovery time and low forward voltage
drop.
The glass passivation ensures stable reliable
operation in the most severe temperature and
power cycling conditions.
Typical applications are both:
output rectification and freewheeling in
inverters, choppers and converters
and input rectifications where severe
restrictions on conducted EMI should be met.
Package Outline
D
2 Pak (SMD-220)
FAST SOFT RECOVERY
RECTIFIER DIODE
1
I2140 rev. A 12/99
QUIET
IR Series
10ETF..S
V
F
< 1.2V @ 10A
t
rr
= 50ns
V
RRM 200 to 600V
www.irf.com


Similar Part No. - 10ETF12STLR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
10ETF12STRLPBF VISHAY-10ETF12STRLPBF Datasheet
226Kb / 8P
Fast Soft Recovery Rectifier Diode, 10 A
26-Apr-10
10ETF12STRRPBF VISHAY-10ETF12STRRPBF Datasheet
226Kb / 8P
Fast Soft Recovery Rectifier Diode, 10 A
26-Apr-10
More results

Similar Description - 10ETF12STLR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
60EPF06 IRF-60EPF06 Datasheet
149Kb / 8P
FAST SOFT RECOVERY RECTIFIER DIODE
85EPF IRF-85EPF Datasheet
144Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
20ETF02 IRF-20ETF02 Datasheet
196Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
80EPF10 IRF-80EPF10 Datasheet
175Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
85EPF02 IRF-85EPF02 Datasheet
142Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
10ETF10FP IRF-10ETF10FP Datasheet
179Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
10ETF06SPBF IRF-10ETF06SPBF Datasheet
229Kb / 8P
FAST SOFT RECOVERY RECTIFIER DIODE
30EPF06PBF IRF-30EPF06PBF Datasheet
212Kb / 8P
FAST SOFT RECOVERY RECTIFIER DIODE
logo
Inchange Semiconductor ...
10ETF02S ISC-10ETF02S Datasheet
265Kb / 2P
Fast Soft Recovery Rectifier Diode
10ETF12 ISC-10ETF12 Datasheet
263Kb / 2P
Fast Soft Recovery Rectifier Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com