Electronic Components Datasheet Search
  English  ▼

X  

CDCE421RGER Datasheet(PDF) 7 Page - Texas Instruments

Part # CDCE421RGER
Description  Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE421RGER Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCE421RGER Datasheet HTML 3Page - Texas Instruments CDCE421RGER Datasheet HTML 4Page - Texas Instruments CDCE421RGER Datasheet HTML 5Page - Texas Instruments CDCE421RGER Datasheet HTML 6Page - Texas Instruments CDCE421RGER Datasheet HTML 7Page - Texas Instruments CDCE421RGER Datasheet HTML 8Page - Texas Instruments CDCE421RGER Datasheet HTML 9Page - Texas Instruments CDCE421RGER Datasheet HTML 10Page - Texas Instruments CDCE421RGER Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
EXAMPLE: Programming Cycle of Six Words and Programming Into EEPROM
EnterProgrammingSequence
Word0
After8bits,thepayload
dataistransferredto
theRAMandisactive.
Waitforatleast
10msbefore
exitingEEPROM
writephase,for
safeoperation.
Payload
Word1
Payload
Word5
Payload
State
Machine
Jump
State
Machine
Jump
State2
State3
®
State3
State1
®
T0043-03
·
·
·
·
·
·
Enter Register Readback Mode and Related Timing Diagram
CDCE421
www.ti.com..................................................................................................................................................... SCAS842B – APRIL 2007 – REVISED JANUARY 2009
The following sequence shows how to enter programming mode and how the different words can be written. The
addressing of Word0 … Word5 is shown in bold. After the word address, the payload for the respective word is
clocked in. In this example, this is followed by a jump from State 2
→ State 3 into enter EEPROM programming
with EEPROM lock. In the EEPROM-programming state, it is necessary to wait at least 10 ms for safe
programming. The last command is a jump from State 3 into State 1 (normal operation). Cycle power and verify
that the device functions as programmed.
Figure 4. Programming Cycle of Six Words and Programming Into EEPROM
Similar to the enter programming mode sequence, the enter register read back mode is written into SDATA. After
the command has been issued, the SDATA input is reconfigured as clock input. By applying one clock, the
EEPROM content is read into shift registers. Now, by further applying clocks at SDATA, the EEPROM content
can be clocked out and observed at OUTP/OUTN. There are 59 bits to be clocked out. With the 61st rising clock
edge, the OUTP/OUTN pins are reconfigured back into normal operation.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): CDCE421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com