Electronic Components Datasheet Search
  English  ▼

X  

CDCE421RGET Datasheet(PDF) 15 Page - Texas Instruments

Part # CDCE421RGET
Description  Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE421RGET Datasheet(HTML) 15 Page - Texas Instruments

Back Button CDCE421RGET Datasheet HTML 11Page - Texas Instruments CDCE421RGET Datasheet HTML 12Page - Texas Instruments CDCE421RGET Datasheet HTML 13Page - Texas Instruments CDCE421RGET Datasheet HTML 14Page - Texas Instruments CDCE421RGET Datasheet HTML 15Page - Texas Instruments CDCE421RGET Datasheet HTML 16Page - Texas Instruments CDCE421RGET Datasheet HTML 17Page - Texas Instruments CDCE421RGET Datasheet HTML 18Page - Texas Instruments CDCE421RGET Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
f − Single-Sideband Frequency − Hz
G002
−160
−140
−120
−100
−80
−60
−40
−20
0
10
100
1k
100M
10k
100k
1M
10M
CDCE421
www.ti.com..................................................................................................................................................... SCAS842B – APRIL 2007 – REVISED JANUARY 2009
If the CDCE421 is being referenced by a clean external LVCMOS input of 33.33 MHz, Figure 7 shows the SSB
phase noise plot of the output at 400 MHz from 100 Hz to 40 MHz from carrier. See Figure 10 for test setup.
Figure 7. Phase Noise Plot for LVDS Output at 400 MHz
Table 4. Phase Noise Parameters With LVCMOS Input of 33.33 MHz and LVDS Output at 400 MHz
Phase noise specifications under following assumptions: input frequency f = 33.33 MHz (VCO = 1, prescaler = 5, output divider =
1), fout = 400 MHz (driver mode = LVDS)
PARAMETER
MIN
TYP
MAX
UNIT
phn100
Phase noise at 100 Hz
–99
dBc/Hz
phn1k
Phase noise at 1 kHz
–109
dBc/Hz
phn10k
Phase noise at 10 kHz
–119
dBc/Hz
phn100k
Phase noise at 100 kHz
–121
dBc/Hz
phn1M
Phase noise at 1 MHz
–130
dBc/Hz
phn10M
Phase noise at 10 MHz
–147
dBc/Hz
phn20M
Phase noise at 20 MHz
–147
dBc/Hz
JRMS
RMS jitter integrated from 12 kHz to 20 MHz
409
fs
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): CDCE421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com