Electronic Components Datasheet Search
  English  ▼

X  

CDCF5801 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CDCF5801
Description  CLOCK MULTIPLIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCF5801 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CDCF5801 Datasheet HTML 7Page - Texas Instruments CDCF5801 Datasheet HTML 8Page - Texas Instruments CDCF5801 Datasheet HTML 9Page - Texas Instruments CDCF5801 Datasheet HTML 10Page - Texas Instruments CDCF5801 Datasheet HTML 11Page - Texas Instruments CDCF5801 Datasheet HTML 12Page - Texas Instruments CDCF5801 Datasheet HTML 13Page - Texas Instruments CDCF5801 Datasheet HTML 14Page - Texas Instruments CDCF5801 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
www.ti.com
CLKOUT
CLKOUTB
tPW+
tCYCLE
Duty Cycle = (tPW+/tCYCLE)
CLKOUT
CLKOUTB
VO(X)+
VO(X), nom
VO(X)-
80%
tf
tr
20%
VOL
VOH
PWRDNB
CLKOUTB
t(powerdown)
t(powerup)
CLKOUT
MULT0
and/or
MULT1
CLKOUTB
t(MULT)
CLKOUT
Not Recommended for New Designs
CDCF5801
SCAS698F – SEPTEMBER 2003 – REVISED APRIL 2006
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 3. Output Duty Cycle
Figure 4. Crossing Point Voltage
Figure 5. Voltage Waveforms
Figure 6. PWRDNB Transition Timings
Figure 7. MULT Transition Timings
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com