Electronic Components Datasheet Search
  English  ▼

X  

CDCFR83A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CDCFR83A
Description  DIRECT RAMBUS CLOCK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCFR83A Datasheet(HTML) 2 Page - Texas Instruments

  CDCFR83A Datasheet HTML 1Page - Texas Instruments CDCFR83A Datasheet HTML 2Page - Texas Instruments CDCFR83A Datasheet HTML 3Page - Texas Instruments CDCFR83A Datasheet HTML 4Page - Texas Instruments CDCFR83A Datasheet HTML 5Page - Texas Instruments CDCFR83A Datasheet HTML 6Page - Texas Instruments CDCFR83A Datasheet HTML 7Page - Texas Instruments CDCFR83A Datasheet HTML 8Page - Texas Instruments CDCFR83A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.ti.com
Bypass MUX
Test MUX
B
A
PLL
Phase
Aligner
PACLK
PLLCLK
ByPCLK
CLK
CLKB
REFCLK
φD
SYNCLKN
PCLKM
MULT0
MULT1
2
PWRDWNB
S0
S1
S2
STOPB
CDCFR83A
SCAS812 – AUGUST 2005
User control is provided by multiply and mode selection terminals. The multiply terminals provide selection of one
of four clock frequency multiply ratios, generating BUSCLK frequencies ranging from 267 MHz to 533 MHz with
clock references ranging from 33 MHz to 100 MHz. The mode select terminals can be used to select a bypass
mode where the frequency multiplied reference clock is directly output to the Rambus channel for systems where
synchronization between the Rambus clock and a system clock is not required. Test modes are provided to
bypass the PLL and output REFCLK on the Rambus channel and to place the outputs in a high-impedance state
for board testing.
The CDCFR83A has a fail-safe power up initialization state-machine which supports proper operation under all
power up conditions.
The CDCFR83A is characterized for operation over free-air temperatures of –40
°C to 85°C.
FUNCTIONAL BLOCK DIAGRAM
FUNCTION TABLE(1)
MODE
S0
S1
S2
CLK
CLKB
Normal
0
0
0
Phase aligned clock
Phase aligned clock B
Bypass
1
0
0
PLLCLK
PLLCLKB
Test
1
1
0
REFCLK
REFCLKB
Output test (OE)
0
1
x
Hi-Z
Hi-Z
Reserved
0
0
1
–
–
Reserved
1
0
1
–
–
Reserved
1
1
1
Hi-Z
Hi-Z
(1)
X = don't care, Hi-Z = high impedance
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com