Electronic Components Datasheet Search
  English  ▼

X  

CDC329ADBLE Datasheet(PDF) 1 Page - Texas Instruments

Part # CDC329ADBLE
Description  1Line to 6Line Clock Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC329ADBLE Datasheet(HTML) 1 Page - Texas Instruments

  CDC329ADBLE Datasheet HTML 1Page - Texas Instruments CDC329ADBLE Datasheet HTML 2Page - Texas Instruments CDC329ADBLE Datasheet HTML 3Page - Texas Instruments CDC329ADBLE Datasheet HTML 4Page - Texas Instruments CDC329ADBLE Datasheet HTML 5Page - Texas Instruments CDC329ADBLE Datasheet HTML 6Page - Texas Instruments CDC329ADBLE Datasheet HTML 7Page - Texas Instruments CDC329ADBLE Datasheet HTML 8Page - Texas Instruments CDC329ADBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CDC329A
1-LINE TO 6-LINE CLOCK DRIVER
WITH SELECTABLE POLARITY
SCAS328B – DECEMBER 1992 – REVISED OCTOBER 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low Output Skew for Clock-Distribution
and Clock-Generation Applications
D TTL-Compatible Inputs and
CMOS-Compatible Outputs
D Distributes One Clock Input to Six Clock
Outputs
D Polarity Control Selects True or
Complementary Outputs
D Distributed VCC and GND Pins Reduce
Switching Noise
D High-Drive Outputs (–32-mA IOH,
32-mA IOL)
D State-of-the-Art EPIC-ΙΙB™ BiCMOS Design
Significantly Reduces Power Dissipation
D Package Options Include Plastic
Small-Outline (D)
description
The CDC329A contains a clock-driver circuit that distributes one input signal to six outputs with minimum skew
for clock distribution. Through the use of the polarity-control inputs (T/C), various combinations of true and
complementary outputs can be obtained.
The CDC329A is characterized for operation from – 40
°C to 85°C.
FUNCTION TABLE
INPUTS
OUTPUT
T/C
A
Y
L
L
L
L
HH
H
LH
H
H
L
logic symbol†
12
A
N1
15
N2
13
1Y1
16
1
1Y2
2
1
2Y1
3
2
N3
10
N4
9
2Y2
5
2
3Y
6
3
4Y
8
4
1T/C
2T/C
3T/C
4T/C
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC-
ΙΙB is a trademark of Texas Instruments Incorporated.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
D PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND
1Y2
2Y1
GND
2Y2
3Y
GND
4Y
1Y1
1T/C
VCC
2T/C
A
VCC
3T/C
4T/C


Similar Part No. - CDC329ADBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC329AD TI-CDC329AD Datasheet
105Kb / 7P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
CDC329AD TI2-CDC329AD Datasheet
225Kb / 11P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
REVISED OCTOBER 1998
CDC329AD.B TI2-CDC329AD.B Datasheet
225Kb / 11P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
REVISED OCTOBER 1998
CDC329ADG4 TI2-CDC329ADG4 Datasheet
225Kb / 11P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
REVISED OCTOBER 1998
CDC329ADR TI2-CDC329ADR Datasheet
225Kb / 11P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
REVISED OCTOBER 1998
More results

Similar Description - CDC329ADBLE

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
GTLP6C816A FAIRCHILD-GTLP6C816A Datasheet
52Kb / 7P
LVTTL-to-GTLP Clock Driver
logo
Texas Instruments
SN74LVC2G157 TI-SN74LVC2G157 Datasheet
346Kb / 13P
SINGL 2LINE TO 1LINE DATA SELECTOR/MULTIPLEXER
CDC318A TI1-CDC318A_12 Datasheet
500Kb / 14P
1Line to 10Line Clock Driver
CDC319 TI1-CDC319_08 Datasheet
361Kb / 15P
1Line to 10Line Clock Driver
CDC328A TI1-CDC328A_09 Datasheet
110Kb / 7P
1Line to 6Line Clock Driver
CDC340 TI1-CDC340_08 Datasheet
131Kb / 8P
1Line to 8Line Clock Driver
CDC391 TI1-CDC391_09 Datasheet
116Kb / 7P
1Line to 6Line Clock Driver
logo
ON Semiconductor
MC10H640 ONSEMI-MC10H640_16 Datasheet
155Kb / 8P
PECL to TTL Clock Driver
August, 2016 ??Rev. 9
logo
Integrated Device Techn...
ICS558-01 IDT-ICS558-01 Datasheet
122Kb / 6P
PECL/CMOS TO CMOS CLOCK DRIVER
logo
Renesas Technology Corp
ICS558-01 RENESAS-ICS558-01 Datasheet
322Kb / 7P
PECL/CMOS TO CMOS CLOCK DRIVER
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com