Electronic Components Datasheet Search
  English  ▼

X  

AD246JY Datasheet(PDF) 1 Page - Analog Devices

Part # AD246JY
Description  Clock Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD246JY Datasheet(HTML) 1 Page - Analog Devices

  AD246JY Datasheet HTML 1Page - Analog Devices AD246JY Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
a
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
AD246
Clock Driver
AD246 SPECIFICATIONS
(Typical @ 25
∞C and VS = 15 V, unless otherwise noted.)
Model
AD246JY
AD246JN
OUTPUT
*
Frequency
25 kHz Nominal
25 kHz Nominal
Voltage
15 V p-p Nominal 15 V p-p Nominal
Fan Out
32 max
32 max
POWER SUPPLY
REQUIREMENTS
Input Voltage
15 V
± 5%
15 V
± 5%
Supply Current
Unloaded
35 mA
35 mA
Each AD204
2.2 mA
2.2 mA
Adds 1 mA
Load on AD204
+VISO or
–VISO Adds
0.7 mA
0.7 mA
*The high current drive will not support a short to ground.
Specifications are subject to change without notice.
AD246 Pin Designations
Pin (Y)
Pin (N)
Function
112
15 V Power In
21
Clock Output
12
14
Common
13
24
Common
GENERAL DESCRIPTION
The AD246 is a compact, inexpensive clock driver that can be
used to obtain the required clock from a single 15 V supply. The
circuit shown in Figure 1 (essentially an AD246) can operate at
least 32 AD204s at the rated minimum supply voltage of 14.25 V
and one additional isolator can be operated for each 40 mV
increase in supply voltage up to 15 V.
A supply bypass capacitor is included in the AD246, but if many
AD204s are operated from a single AD246, an external bypass
connector should be used with a value of at least 1
mF for every
five isolators used. Place the capacitor as close as possible to the
clock driver.
CD
4947B
C
RC
R
Q
+ 1 F
35V
TELEDYNE
TSC426
CLKOUT
CLK AND
PWR COM
15V
IN914
IN914
7
5
3
6
2
4
10
5
6
4
7
8
9
12
14
180pF
49.9k
1
2
3
Figure 1. Clock Driver
OUTLINE DIMENSIONS
AD246JY Package
Dimensions shown in inches and (millimeters)
8.40 (0.330) MAX
2.50 (0.100)
NOM
15.90
(0.625)
MAX
2.90 (0.115)
SIDE
VIEW
0.38 (0.015)
0.25 (0.010)
1
2
13
12
2.50
(0.100)
2.90
(0.115)
CL
BOTTOM
VIEW
1.30 (0.050)
NOM
2.50
(0.100)
MIN
25.30 (0.995) MAX
AD246JY
FRONT VIEW
14.00 (0.550)
5.00 (0.197)
0.38 (0.015)
0.25 (0.010)
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
AD246JN Package
Dimensions shown in inches and (millimeters)
FRONT VIEW
AD246JN
36.70 (1.445) MAX
2.50 (0.100)
MIN
8.90 (0.350)
MAX
0.51 (0.020)
0.25 (0.010)
3.70 (0.145)
0.51 (0.020)
0.38 (0.015)
1
12
14
24
BOTTOM VIEW
27.90 (1.100)
25.40 (1.000)
12.70
(0. 500)
17.80
(0.700)
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
REV. 0


Similar Part No. - AD246JY

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD246JY AD-AD246JY Datasheet
412Kb / 12P
Low Cost, Miniature Isolation Amplifiers
More results

Similar Description - AD246JY

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB8901M SANYO-LB8901M Datasheet
121Kb / 5P
CCD Clock Driver
LB8904M SANYO-LB8904M Datasheet
110Kb / 5P
CCD Clock Driver?
logo
Integrated Circuit Syst...
MK3805 ICST-MK3805 Datasheet
122Kb / 6P
Buffer/Clock Driver
Revision 031104
logo
Integrated Device Techn...
MK3807-01 IDT-MK3807-01 Datasheet
170Kb / 7P
BUFFER/CLOCK DRIVER
logo
Cypress Semiconductor
W40S11-23 CYPRESS-W40S11-23_01 Datasheet
193Kb / 11P
Clock Buffer/Driver
W40S11-23G CYPRESS-W40S11-23G Datasheet
213Kb / 11P
Clock Buffer/Driver
logo
Integrated Device Techn...
LV810FILF IDT-LV810FILF Datasheet
304Kb / 14P
BUFFER/CLOCK DRIVER
logo
Analog Devices
AD246 AD-AD246_15 Datasheet
632Kb / 2P
Clock Driver
REV. 0
logo
ON Semiconductor
MC10H645 ONSEMI-MC10H645_15 Datasheet
74Kb / 6P
TTL Clock Driver
April, 2015 ??Rev. 7
logo
Renesas Technology Corp
ICSLV810 RENESAS-ICSLV810 Datasheet
479Kb / 15P
BUFFER/CLOCK DRIVER
2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com