Electronic Components Datasheet Search
  English  ▼

X  

AD1837 Datasheet(PDF) 20 Page - Analog Devices

Part # AD1837
Description  2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1837 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD1837 Datasheet HTML 16Page - Analog Devices AD1837 Datasheet HTML 17Page - Analog Devices AD1837 Datasheet HTML 18Page - Analog Devices AD1837 Datasheet HTML 19Page - Analog Devices AD1837 Datasheet HTML 20Page - Analog Devices AD1837 Datasheet HTML 21Page - Analog Devices AD1837 Datasheet HTML 22Page - Analog Devices AD1837 Datasheet HTML 23Page - Analog Devices AD1837 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
REV. B
–20–
AD1837
Table VI. DAC Volume Control
Function
Address
R/
W
RES
DAC Volume
15, 14, 13, 12
11
10
9, 8, 7, 6, 5, 4, 3, 2, 1, 0
0010 = DACL1
0
0
0000000000 = 1/1024
0011 = DACR1
0000000001 = 2/1024
0100 = DACL2
0000000010 = 3/1024
0101 = DACR2
1111111110 = 1022/1024
0110 = DACL3
1111111111 = 1023/1024
0111 = DACR3
1000 = DACL4
1001 = DACR4
Table VII. ADC Peak
Function
Four Fixed
Address
R/
W RES Six Data Bits
Bits
15, 14, 13, 12
11
10
9, 8, 7, 6, 5, 4
3, 2, 1, 0
0010 = Left ADC 1
0
000000 = 0.0 dBFS 0000
1011 = Right ADC
000001 = –1.0 dBFS
000010 = –2.0 dBFS These four
bits are
always zero.
111111 = –63.0 dBFS
Table VIII. ADC Control 1
Function
ADC
Sample
Address
R/
W
RES
Dither
Filter
Power-Down
Rate
Reserved
15, 14, 13, 12
11
10
9
8
7
6
5, 4, 3, 2, 1, 0
1100
0
0
0 = Disabled
0 = All Pass
0 = Normal
0 = 48 kHz
0, 0, 0, 0, 0, 0
1 = Enabled
1 = High-Pass
1 = Power-Down
1 = 96 kHz
0, 0, 0, 0, 0, 0
Table IX. ADC Control 2
Function
R/
W
Master/Slave
ADC
ADC Data-
ADC Mute
Address
RES
RES
Aux Mode
Data Format
Word Width
Reserved
Right
Left
15, 14, 13, 12
11
10
9
8, 7, 6
5, 4
3, 2
1
0
1101
0
0
0 = Slave
000 = I
2S
00 = 24 Bits
0, 0
0 = On
0 = On
1 = Master
001 = RJ
01 = 20 Bits
1 = Mute
1 = Mute
010 = DSP
10 = 16 Bits
011 = LJ
11 = Reserved
100 = Packed 256
101 = Reserved
110 = Auxiliary 256
111 = Reserved
Table X. ADC Control 3
Function
R/
W
IMCLK
ADC
DAC
ADC
Address
RES RES Reserved Clocking Scaling Peak Readback
Test Mode
Test Mode
15, 14, 13, 12 11
10
9
8, 7, 6
5
4, 3, 2
1, 0
1110
0
0
0, 0
00 = MCLK
¥ 20 = Disabled Peak Readback 000 = Normal Mode 00 = Normal Mode
01 = MCLK
1 = Enabled Peak Readback
All others reserved
All others reserved
10 = MCLK
¥ 2/3
11 = MCLK
¥ 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com