Electronic Components Datasheet Search
  English  ▼

X  

U350 Datasheet(PDF) 1 Page - InterFET Corporation

Part # U350
Description  Hybrid Quad Silicon Junction Field-Effect Transistor Array
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

U350 Datasheet(HTML) 1 Page - InterFET Corporation

  U350 Datasheet HTML 1Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
01/99
B-69
U350
Hybrid Quad Silicon Junction Field-Effect Transistor Array
Absolute maximum ratings at TA = 25¡C.
Reverse Gate Source & Reverse Gate Drain Voltage
– 25 V
Gate Current
25 mA
Continuous Device Power Dissipation
400 mW
Power Derating
3.2 mW/°C
TOÐ78 Package
Dimensions in Inches (mm)
Pin Configuration
1 Gate 1 & 3, 2 Drain 1 & 4,
3 Source 1 & 2, 4 Ground & Case,
5 Source 3 & 4, 6 Drain 2 & 3,
7 Gate 2 & 4, 8 Omitted
At 25°C free air temperature:
U350
Four Matched Process NJ72L
Static Electrical Characteristics
Min
Typ
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
– 25
V
IG = – 1 µA, VDS = ØV
Gate Reverse Current
IGSS
– 1
nA
VGS = – 15V, VDS = ØV
– 1
µA
VGS = – 15V, VDS = ØV
TA = 125°C
Gate Source Cutoff Voltage
VGS(OFF)
– 2
– 6
V
VDS = 10V, ID = 1 nA
Gate Source Forward Voltage
VGS(F)
1V
VDS = ØV, IG = 1 mA
Drain Saturation Current (Pulsed)
IDSS
24
60
mA
VDS = 15V, VGS = ØV
Dynamic Electrical Characteristics
Drain Source ON Resistance
rds(on)
50
90
Ω
VGS = ØV, ID = mA
f = 1 kHz
Common Source
gfs
10
18
mS
VDS = 10V, ID = 10 mA
f = 1 kHz
Forward Transconductance
Common Source Output Conductance
gos
150
µS
VDS = 10V, ID = 10 mA
f = 1 kHz
Drain Gate Capacitance
Cdgo
2.5
pF
VGD = – 10V, IS = ØV
f = 1 MHz
Gate Source Capacitance
Csgo
5pF
VGS = – 10V, ID = ØV
f = 1 MHz
(Conversion Gain)
Gc
4dB
VDS = 20V, VGS = 1/2 VGS(OFF)
f = 100 MHz
RD = 1,700 Ω
Noise Figure
NF
7
dB
VDS = 20V, VGS = 1/2 VGS(OFF)
f = 100 MHz
RD = 1,700 Ω
Saturation Drain Current Ratio
IDSS / IDSS
0.9
1
VDS = 15V, VDS = ØV
Gate Source Cutoff Voltage Ratio
VGS(OFF) / VGS(OFF)
0.9
1
VDS = 15V, ID = 1 nA
Common Source
gfs / gfs
0.9
1
VDS = 15V, ID = 10 mA
f = 1 kHz
Forward Transconductance
Differential Output Conductance
Yos / Yos
0.9
1
VDS = 15V, ID = 10 mA
f = 1 kHz
¥ Analog Multiplier
¥ VHF Double-Balanced Mixer
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Databook.fxp
1/13/99 2:09 PM
Page B-69


Similar Part No. - U350

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U3500BM TEMIC-U3500BM Datasheet
226Kb / 17P
Cordless Telephone Signal Processor
U3500BM-BFL TEMIC-U3500BM-BFL Datasheet
226Kb / 17P
Cordless Telephone Signal Processor
U3500BM-BFLG3 TEMIC-U3500BM-BFLG3 Datasheet
226Kb / 17P
Cordless Telephone Signal Processor
U3501BM TEMIC-U3501BM Datasheet
317Kb / 20P
Cordless Telephone Signal Processor
More results

Similar Description - U350

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
NJ14AL INTERFET-NJ14AL Datasheet
127Kb / 2P
Silicon Junction Field-Effect Transistor
NJ26 INTERFET-NJ26 Datasheet
126Kb / 2P
Silicon Junction Field-Effect Transistor
NJ36D INTERFET-NJ36D Datasheet
128Kb / 2P
Silicon Junction Field-Effect Transistor
NJ42 INTERFET-NJ42 Datasheet
128Kb / 2P
Silicon Junction Field-Effect Transistor
NJ72L INTERFET-NJ72L Datasheet
127Kb / 2P
Silicon Junction Field-Effect Transistor
NJ132 INTERFET-NJ132 Datasheet
123Kb / 2P
Silicon Junction Field-Effect Transistor
NJ450 INTERFET-NJ450 Datasheet
126Kb / 2P
Silicon Junction Field-Effect Transistor
NJ450L INTERFET-NJ450L Datasheet
127Kb / 2P
Silicon Junction Field-Effect Transistor
NJ903L INTERFET-NJ903L Datasheet
126Kb / 2P
Silicon Junction Field-Effect Transistor
PJ99 INTERFET-PJ99 Datasheet
128Kb / 2P
Silicon Junction Field-Effect Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com