Electronic Components Datasheet Search
  English  ▼

X  

AD1980JST Datasheet(PDF) 27 Page - Analog Devices

Part # AD1980JST
Description  AC ??7 SoundMAX Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1980JST Datasheet(HTML) 27 Page - Analog Devices

Back Button AD1980JST Datasheet HTML 23Page - Analog Devices AD1980JST Datasheet HTML 24Page - Analog Devices AD1980JST Datasheet HTML 25Page - Analog Devices AD1980JST Datasheet HTML 26Page - Analog Devices AD1980JST Datasheet HTML 27Page - Analog Devices AD1980JST Datasheet HTML 28Page - Analog Devices AD1980JST Datasheet HTML 29Page - Analog Devices AD1980JST Datasheet HTML 30Page - Analog Devices AD1980JST Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
REV. 0
AD1980
–27–
MBG[1:0]
MIC Boost Gain Select Register.
These two bits allow changing the MIC preamp gain from the nominal 20 dB gain. Both MIC1/MIC2 and MIC2
preamps will be set to the same selected gain.
Note that this gain takes effect only while Bit D6 (M20) on the MIC volume register (0Eh) is set to 1; otherwise the
MIC boost block has a gain of 0 dB.
00 = 20 dB gain (reset default)
01 = 10 dB gain
10 = 30 dB gain
11 = reserved
VREFD
VREFOUT Disable. Disables VREFOUT, placing it into High Z out mode.
Note that this bit overrides the VREFH bit selection (see below).
0 = VREFOUT pin is driven by the internal reference (reset default).
1 = VREFOUT pin is placed into High Z out mode.
VREFH
VREFOUT High. Changes VREFOUT from 2.25 V to 3.70 V for PC2001 compliant MIC bias applications.
0 = VREFOUT pin is set to 2.25 V output (reset default).
1 = VREFOUT pin is set to 3.70 V output.
SRU
Sample Rate Unlock. Controls DAC sample rate locking.
0 = All DAC Sample Rates are locked to the front sample rate (reset default).
1 = DAC sample rates can be set independently for front, surround, and LFE.
LOSEL
LINE_OUT Amplifiers Input Select. This bit allows the LINE_OUT output amplifiers to be driven by the mixer
or the surround DACs. The main purpose for this is to allow swapping of the front and surround channels to make
better use of the SURR/HP_OUT output amplifiers. This bit should normally be used in tandem with the HPSEL
bit (see below).
0 = LINE_OUT amplifiers are driven by the mixer outputs (reset default).
1 = LINE_OUT amplifiers are driven by the surround DAC outputs.
2CMIC
2-Channel MIC Select. This bit enables simultaneous recording from MIC1 and MIC2 inputs, using a stereo
microphone array. Note that this register works in conjunction with the MS bit in Register 20h.
0 = MIC1 or MIC2 (determined by MS bit) is routed to the record selector’s left and right MIC channels as well
as to the mixer (reset default).
1 = MIC1 is routed to the record selector’s left MIC channel and MIC2 is routed to the record selector’s right
MIC channel. Note that in this mode, the MS bit should be set low and MIC1 can still be enabled into the mixer.
SPRD
SPREAD Enable. This bit enables spreading of 2-channel media to all six output channels. This function is imple-
mented in the analog section by using the output selector controls line for the center/LFE, surround, and Line_out
output channels. Note that the Jack Sense pins can also be set up to control (gate) this function, depending on the
JSSPRD bit (see Register 72h).
0 = No spreading occurs unless activated by the Jack Senses and JSSPRD bits (reset default).
1 = The SPRD selector drives the center and LFE outputs from the MONO_OUT, the HPSEL selector drives the
SURR/HP_OUT outputs from the mixer outputs, and the LOSEL selector drives the LINE_OUT outputs also
from the mixer outputs.
Note that the SPRD bit overrides the current output selector control lines set up by bits LOSEL and HPSEL as
follows: LOSEL = 0 and HPSEL = 1.
Miscellaneous Control Bit Register (Index 76h)
Reg
De-
No. Name D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
fault
76th Misc
DACZ AC97NC MSPLT LODIS CLDIS HPSEL DMIX1 DMIX0 SPRD 2CMIC LOSEL SRU VREFH VREFD MBG1 MBG0 0000h
Control
Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com