Electronic Components Datasheet Search
  English  ▼

X  

AD1985JSTZ1 Datasheet(PDF) 33 Page - Analog Devices

Part # AD1985JSTZ1
Description  AC ??7 SoundMAX Codec
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1985JSTZ1 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD1985JSTZ1 Datasheet HTML 29Page - Analog Devices AD1985JSTZ1 Datasheet HTML 30Page - Analog Devices AD1985JSTZ1 Datasheet HTML 31Page - Analog Devices AD1985JSTZ1 Datasheet HTML 32Page - Analog Devices AD1985JSTZ1 Datasheet HTML 33Page - Analog Devices AD1985JSTZ1 Datasheet HTML 34Page - Analog Devices AD1985JSTZ1 Datasheet HTML 35Page - Analog Devices AD1985JSTZ1 Datasheet HTML 36Page - Analog Devices AD1985JSTZ1 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
AD1985
Rev. A | Page 33 of 48
EQ Control Register (Index 0x60)
Reg.Num.
Name
D15
D14 D13 D12 D11 D10 D9 D8 D7
D6
D5
D4
D3
D2
D1
D0
Default
0x60
EQ Control
EQM X
X
X
X
X
X
X
SYM CHS BCA5 BCA4 BCA3 BCA2 BCA1 BCA0 0x8080
Register 0x60 is a read/write register that controls equalizer
function and data setup. The register also contains the biquad
and coefficient address pointer, which is used in conjunction
with the EQ data register (0x78) to set up the equalizer
coefficients. The reset default disables the equalizer function
until the coefficients can be properly set up by the software and
sets the symmetry bit to allow equal coefficients for left and
right channels.
BCA[5:0]
Biquad and Coefficient Address Pointer:
biquad 0
coef a0
BCA[5:0] = 011011
biquad 0
coef a1
BCA[5:0] = 011010
biquad 0
coef a2
BCA[5:0] = 011001
biquad 0
coef b1
BCA[5:0] = 011101
biquad 0
coef b2
BCA[5:0] = 011100
biquad 1
coef a0
BCA[5:0] = 100000
biquad 1
coef a1
BCA[5:0] = 011111
biquad 1
coef a2
BCA[5:0] = 011110
biquad 1
coef b1
BCA[5:0] = 100010
biquad 1
coef b2
BCA[5:0] = 100001
biquad 2
coef a0
BCA[5:0] = 100101
biquad 2
coef a1
BCA[5:0] = 100100
biquad 2
coef a2
BCA[5:0] = 100011
biquad 2
coef b1
BCA[5:0] = 100111
biquad 2
coef b2
BCA[5:0] = 100110
biquad 3
coef a0
BCA[5:0] = 101010
biquad 3
coef a1
BCA[5:0] = 101001
biquad 3
coef a2
BCA[5:0] = 101000
biquad 3
coef b1
BCA[5:0] = 101100
biquad 3
coef b2
BCA[5:0] = 101011
biquad 4
coef a0
BCA[5:0] = 101111
biquad 4
coef a1
BCA[5:0] = 101110
biquad 4
coef a2
BCA[5:0] = 101101
biquad 4
coef b1
BCA[5:0] = 110001
biquad 4
coef b2
BCA[5:0] = 110000
biquad 5
coef a0
BCA[5:0] = 110100
biquad 5
coef a1
BCA[5:0] = 110011
biquad 5
coef a2
BCA[5:0] = 110010
biquad 5
coef b1
BCA[5:0] = 110110
biquad 5
coef b2
BCA[5:0] = 110101
biquad 6
coef a0
BCA[5:0] = 111001
biquad 6
coef a1
BCA[5:0] = 111000
biquad 6
coef a2
BCA[5:0] = 110111
biquad 6
coef b1
BCA[5:0] = 111011
biquad 6
coef b2
BCA[5:0] = 111010
CHS
Channel Select. CHS = 0: Selects left channel coefficients data block. CHS = 1: Selects right channel coefficients data block.
SYM
Symmetry. When set to 1 this bit indicates that the left and right channel coefficients are equal. This shortens the coefficient
setup sequence since only the left channel coefficients need to be addressed and set up. (The right channel coefficients are
simultaneously copied into memory.)
EQM
Equalizer Mute. When set to 1, this bit disables the equalizer function (allows all data to pass through). The reset default sets this
bit to 1, disabling the equalizer function until the biquad coefficients can be properly set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com